| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
XISO6440DFPR Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6440DFPR Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 56 page ![]() 8.5 Device I/O Schematics INx VCCI VCCI VCCI ≅1M ≅1k Figure 8-3. Input (INx) Default High (Device Without F Suffix Device) Schematics VCCI ≅1M INx VCCI ≅1k Figure 8-4. Input (INx) Default Low (Device With F Suffix Device) Schematics ENx VCCI VCCI VCCI ≅1M ≅1k Figure 8-5. Enable (ENx) Schematics VCCO ≅33 OUTx Figure 8-6. Output (OUTx) Schematics 8.6 Overvoltage Tolerant Input The input pins of this device, INx and ENx, support input signal voltage in excess of the supply voltage (VCCI) on the input side of the device as long as the voltage on the inputs remains below the voltages listed in the Section 6.3 , and Absolute Maximum Ratings . This allows the device to support input signal voltages on the inputs when the input supply, VCCI, is unpowered. In this use case, the outputs transition to the default output state when the input side no longer has a valid supply. These inputs also provide the capability of the inputs to down translate input signal voltages up to the VIMAX in the Section 6.3 . For example, an input signal 5V high-level can be used while VCCI is operating a 3.3V. ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 www.ti.com 28 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |