| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
XISO6440DFPR Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6440DFPR Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 56 page ![]() 6.9 Electrical Characteristics—5V Supply VCC1 = VCC2 = 5V ±10% (over recommended operating conditions unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOH(OUTx) OUTx (output) high-level output voltage IOH = -4mA; See Section 7 VCCO - 0.4 (1) V VOL(OUTx) OUTx (output) low-level output voltage IOL = 4mA; See Section 7 0.4 VIT+(INx) INx (input) switching threshold voltage, rising 0.7 x VCCI (1) VIT-(INx) INx (input) switching threshold voltage, falling 0.3 x VCCI VI_HYS(INx) INx (input) switching threshold voltage hysteresis 0.1 x VCCI II(INx) INx (input) input current (default high device) HIGH Input Current: VIH = VCCI (1) at INx (leakage current) 1 µA LOW Input Current: VIL = 0V at INx (leakage and current through default high pull-up resistance) -10 INx (input) input current (default low device, with F suffix) HIGH Input Current: VIH = VCCI (1) at INx (leakage and current through default low pull- down resistance) 10 LOW Input Current: VIL = 0V at INx (leakage current) -1 VIH(ENx) ENx (enable) threshold voltage, rising 0.7 x VCCI (1) V VIL(ENx) ENx (enable) threshold voltage, falling 0.3 x VCCI VI_HYS(ENx) ENx (enable) threshold voltage hysteresis 0.1 x VCCI II(ENx) ENx (enable) input current (integrated pull-up) HIGH Input Current: VIH = VCCI (1) at ENx (leakage current) 1 µA LOW Input Current: VIL = 0V at ENx (leakage and current through default high pull-up resistance) -10 CMTI_R Common mode transient immunity, device rated for reinforced isolation (DW Package , DFP Package) VI = VCC or 0V, VCM = 1200V, VENx = VCC ; See Section 7 200 250 kV/µs CMTI_B Common mode transient immunity, device rated for basic isolation (DBQ Package ) VI = VCC or 0V, VCM = 500V, VENx = VCC ; See Section 7 100 125 kV/µs Ci Input Capacitance (2) VI = VCC/ 2 + 0.4×sin(2πft), f = 2MHz, VCC = 5V 1.5 pF (1) VCCI = Input-side VCC; VCCO = Output-side VCC (2) Measured from input pin to same side ground. www.ti.com ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 11 Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |