| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M48TPC1TR Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48TPC1TR Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 23 page ![]() 17/23 M48T86 IRQF. Interrupt Request Flag The Interrupt Request Flag (IRQF) bit is set to a one when one or more of the following are true: PF = PIE = 1 AF = AIE = 1 UF = UIE = 1 (i.e. IRQF = PF*PIE+AF*AIE+UF*UIE) PF. Periodic Interrupt Flag The Periodic Interrupt Flag (PF) is a read-only bit which is set to a one when an edge is detected on the selected tap of the divider chain. The RS3-RS0 bits establish the periodic rate. PF is set to a one independent of the state of the PIE bit. The IRQ signal is active and will set the IRQF bit. The PF bit is cleared by a RST or a software read of Register C. AF. Alarm Flag A one in the AF (Alarm Interrupt Flag) bit indicates that the current time has matched the alarm time. If the AIE bit is also a one, the IRQ pin will go low and a one will appear in the IRQF bit. A RST or a read of Register C will clear AF. UF. Update Ended Interrupt Flag The Update Ended Interrupt Flag (UF) bit is set af- ter each update cycle. When the UIE bit is set to a one, the one in the UF bit causes the IRQF bit to be a one. This will assert the IRQ pin. UF is cleared by reading Register C or an RST. BIT 0 through 3. Unused Bits Bit 3-Bit 0 are unused. These bits always read zero and cannot be written. REGISTER C MSB BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 IRQF PF AF UF 0000 REGISTER D MSB BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 VRT 0000000 VRT. Valid Ram And Time The Valid RAM and Time (VRT) bit is set to the one state by STMicroelectronics prior to shipment. This bit is not writable and should always be a one when read. If a zero is ever present, an exhausted internal lithium cell is indicated and both the con- tents of the RTC data and RAM data are question- able. This bit is unaffected by RST. BIT 0 through 6. Unused Bits The remaining bits of Register D are not usable. They cannot be written and when read, they will al- ways read zero. |