Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M48TPC1TR Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza M48TPC1TR
Descripción Electrónicos  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48TPC1TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M48TPC1TR Datasheet HTML 15Page - STMicroelectronics M48TPC1TR Datasheet HTML 16Page - STMicroelectronics M48TPC1TR Datasheet HTML 17Page - STMicroelectronics M48TPC1TR Datasheet HTML 18Page - STMicroelectronics M48TPC1TR Datasheet HTML 19Page - STMicroelectronics M48TPC1TR Datasheet HTML 20Page - STMicroelectronics M48TPC1TR Datasheet HTML 21Page - STMicroelectronics M48TPC1TR Datasheet HTML 22Page - STMicroelectronics M48TPC1TR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19/23
M48T86
Table 11. Ordering Information Scheme
Note: 1. The SOIC package (SOH28) requires the battery/crystal package (SNAPHAT) which is ordered separately under the part number
"M4T28-BR12SH1" in plastic tube or "M4T28-BR12SH1TR" in Tape & Reel form.
Caution: Do not place the SNAPHAT battery/crystal package "M4T28-BR12SH1" in conductive foam since will drain the lithium button-cell
battery.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M48T86
MH
1
TR
Device Type
M48T
Package
PC = PCDIP24
MH (1) = SOH28
Temperature Range
1 = 0 to 70 °C
Shipping Method for SOIC
blank = Tubes
TR = Tape & Reel
Table 12. Revision History
Date
Revision Details
March 1999
First Issue
05/04/00
Page layout changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com