| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZEJ Datasheet(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ Datasheet(HTML) 30 Page - Texas Instruments |
|
30 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] D14 C16 A15 GPIO123 GPIO123_CFG_REG 0x5310 01EC 0x0000 05F7 PR0_ECAP0_APWM_OUT 0 O Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO10 1 IO UART2_CTSn 2 I PR1_ECAP0_APWM_OUT 3 O PR1_UART0_RTSn 4 O GPMC0_AD10 6 IO GPIO123 7 IO SDFM0_D0 8 I A16 A19 C16 GPIO124 GPIO124_CFG_REG 0x5310 01F0 0x0000 05F7 PR0_PRU1_GPIO7 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD CPTS0_TS_SYNC 1 O PR1_PRU0_GPIO10 2 IO PR0_IEP0_EDC_SYNC_OUT1 3 O PR1_UART0_RXD 4 I GPMC0_A8 6 O GPIO124 7 IO SDFM0_CLK1 8 I SDFM1_D0 9 I UART2_TXD 10 O UART5_RTSn 11 O D13 B17 C14 GPIO125 GPIO125_CFG_REG 0x5310 01F4 0x0000 05F7 PR0_PRU1_GPIO17 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD PR1_PRU1_GPIO13 1 IO UART2_RXD 2 I PR0_IEP0_EDIO_DATA_IN_OUT30 3 IO PR1_UART0_TXD 4 O UART5_CTSn 5 I GPMC0_AD13 6 IO GPIO125 7 IO SDFM0_D1 8 I AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 30 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |