| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZEJ Datasheet(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ Datasheet(HTML) 34 Page - Texas Instruments |
|
34 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] B9 B11 D8 B10 GPIO20 GPIO20_CFG_REG 0x5310 0050 0x0000 05F7 LIN1_TXD 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD OSPI0_RESET_OUT0 1 O SPI2_CLK 2 IO PR1_PRU1_GPIO8 3 IO OSPI1_RESET_OUT0 4 O UART1_TXD 5 O GPMC0_AD8 6 IO GPIO20 7 IO XBAROUT6 10 O EPWM6_A 11 O B8 B10 B8 A10 GPIO21 GPIO21_CFG_REG 0x5310 0054 0x0000 05F7 LIN2_RXD 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART2_RXD 1 I SPI2_D0 2 IO USB0_DRVVBUS 3 O OSPI1_RESET_OUT1 4 O OSPI0_RESET_OUT1 5 O GPIO21 7 IO GPMC0_CSn0 8 O A8 A10 C9 B9 GPIO22 GPIO22_CFG_REG 0x5310 0058 0x0000 05F7 LIN2_TXD 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART2_TXD 1 O SPI2_D1 2 IO GPIO22 7 IO GPMC0_ADVn_ALE 8 O D7 B9 B7 GPIO23 GPIO23_CFG_REG 0x5310 005C 0x0000 05F7 I2C1_SCL 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD SPI3_CS0 2 IO PR1_PRU0_GPIO17 3 IO GPMC0_WEn 6 O GPIO23 7 IO XBAROUT7 10 O C8 A9 A8 GPIO24 GPIO24_CFG_REG 0x5310 0060 0x0000 05F7 I2C1_SDA 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD SPI3_CLK 2 IO PR1_PRU0_GPIO18 3 IO GPMC0_OEn_REn 6 O GPIO24 7 IO XBAROUT8 10 O AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 34 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |