Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CR-M048AC2 Datasheet(PDF) 4 Page - ABB

No. de pieza CR-M048AC2
Descripción Electrónicos  Pluggable interface relays CR-M Miniature relays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

CR-M048AC2 Datasheet(HTML) 4 Page - ABB

  CR-M048AC2 Datasheet HTML 1Page - ABB CR-M048AC2 Datasheet HTML 2Page - ABB CR-M048AC2 Datasheet HTML 3Page - ABB CR-M048AC2 Datasheet HTML 4Page - ABB CR-M048AC2 Datasheet HTML 5Page - ABB CR-M048AC2 Datasheet HTML 6Page - ABB CR-M048AC2 Datasheet HTML 7Page - ABB CR-M048AC2 Datasheet HTML 8Page - ABB CR-M048AC2 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 - Pluggable interface relays CR-M | Data sheet
Interface relays with LED and gold contacts, 4 c/o (SPDT) contacts: 250 V, 6 A
Type
Rated control supply voltage Us
Order code
CR-M012DC4LG
12 V DC
1SVR 405 618 R4100
CR-M024DC4LG
24 V DC
1SVR 405 618 R1100
CR-M048DC4LG
48 V DC
1SVR 405 618 R6100
CR-M060DC4LG
60 V DC
1SVR 405 618 R4300
CR-M110DC4LG
110 V DC
1SVR 405 618 R8100
CR-M125DC4LG
125 V DC
1SVR 405 618 R8300
CR-M220DC4LG
220 V DC
1SVR 405 618 R9100
CR-M024AC4LG
24 V AC
1SVR 405 618 R0100
CR-M048AC4LG
48 V AC
1SVR 405 618 R5100
CR-M110AC4LG
110 V AC
1SVR 405 618 R7100
CR-M120AC4LG
120 V AC
1SVR 405 618 R2100
CR-M230AC4LG
230 V AC
1SVR 405 618 R3100
Interface relays with gold contacts, LED and free wheeling diode, 4 c/o (SPDT) contacts: 250 V, 6 A
CR-M012DC4LDG
12 V DC
1SVR 405 618 R4400
CR-M024DC4LDG
24 V DC
1SVR 405 618 R1400
Accessories
Packing unit = 10 pieces
Function modules
Type
Rated control supply voltage Us
Version
Order code
Diode - Reverse polarity protection
CR-P/M 22
6-220 V DC
A1+, A2-
1SVR 405 651 R0000
Diode and LED - Reverse polarity protection
CR-P/M 42
6-24 V DC
red, A1+, A2-
1SVR 405 652 R0000
CR-P/M 42V
6-24 V DC
green, A1+, A2-
1SVR 405 652 R1000
CR-P/M 42B
24-60 V DC
red, A1+, A2-
1SVR 405 652 R4000
CR-P/M 42BV
24-60 V DC
green, A1+, A2-
1SVR 405 652 R4100
CR-P/M 42C
110 V DC
red, A1+, A2-
1SVR 405 652 R9000
CR-P/M 42CV
110 V DC
green, A1+, A2-
1SVR 405 652 R9100
RC element - Arc elimination
CR-P/M 52B
6-24 V AC/DC
1SVR 405 653 R0000
CR-P/M 52D
24-60 V AC/DC
1SVR 405 653 R4000
CR-P/M 52C
110-230 V AC/DC
1SVR 405 653 R1000
Diode and LED
CR-P/M 62
6-24 V AC/DC
red, for DC: A1+, A2-
1SVR 405 654 R0000
CR-P/M 62V
6-24 V AC/DC
green, for DC: A1+, A2-
1SVR 405 654 R1000
CR-P/M 62E
24-60 V AC/DC
red, for DC: A1+, A2-
1SVR 405 654 R4000
CR-P/M 62EV
24-60 V AC/DC
green, for DC: A1+, A2-
1SVR 405 654 R4100
CR-P/M 92
110-230 V AC / 110 V DC
red, for DC: A1+, A2-
1SVR 405 654 R0100
CR-P/M 92V
110-230 V AC / 110 V DC
green, for DC: A1+, A2-
1SVR 405 654 R1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com