Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ECFLA Datasheet(PDF) 1 Page - Time Electronics Ltd.

No. de pieza ECFLA
Descripción Electrónicos  8030 Automatic Pressure Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TIME-ELECTRONICS [Time Electronics Ltd.]
Página de inicio  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

ECFLA Datasheet(HTML) 1 Page - Time Electronics Ltd.

  ECFLA Datasheet HTML 1Page - Time Electronics Ltd. ECFLA Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Time Electronics
8030 Automatic Pressure Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Description
The 8030 is an advanced pressure controller/calibrator suitable for wide workload
calibration of pressure devices such as transmitters, sensors and gauges. The standard
unit can be configured for multiple ranges from vacuum to 100 bar (1500 psi), integrating
up to three high accuracy reference sensors for maximum workload coverage.
Additionally a barometric reference option enables absolute pressure emulation.
High range versions up to 230 bar (3350 psi) are also available.
Due to its fully configurable design, the 8030 offers the maximum flexibility to end user
requirements. Accuracy is 0.01 % FS for each internal sensor fitted, and control stability is
0.005 % FS of the active sensor range. This provides the necessary coverage for applications
with outstanding accuracy, control and speed for testing applications.
Applications
With up to three sensors integrated into the instrument the user is always offered an
optimal calibration solution over a very wide pressure range. The 8030 is suitable as a
high performance pressure standard in process plants, factories and calibration labs.
Routine testing of pressure instrumentation is made quick and simple, whether using the
8030 touch screen display or via EasyCal calibration software.
Functionality
The 8030 features a colour touch-screen interface with user-friendly menus designed for
simple operation, enabling users to quickly learn and master the operation of the module.
Manually specifying pressure set points is made simple with clearly defined controls on
the display. The 8030 auto-ranging capabilities enable each sensor to be actuated as
pressure increase or decreases, providing optimal control and accuracy when performing
applications.
The 8030 is also supplied with a virtual control panel application that provides a simple
user interface for remote operation on a laptop or PC. Set and output pressure, and use
the primary front panel buttons as per the instrument display.
The 8030 is supplied with a benchtop 2 port manifold and contamination trap as standard.
Options include the 7165 compact compressor pumps that can supply pressure up to 70
bar. Vacuum pumps, UUT stands, adaptor kits, fittings and hoses are also available to
optimise user set ups and applications.
Features
• Multi-range controller configurable from -1 to 100 bar
• Configured based on end user requirement
• Gauge, compound, absolute, differential
• Up to 3 precision sensors built in
• Control stability 0.005 % FS (of active sensor)
• Auto-ranging capabilities
• Accuracy 0.01 % FS (of active sensor)
• Barometric reference option
• Touch screen user interface
• EasyCal software compatible
• High range pneumatic & hydraulic versions available
EasyCal Calibration Software
The 8030 can be controlled via Time Electronics EasyCal
software to automate the calibration process. This provides
increased speed of calibration and consistency of results.
Produce traceable calibration certificates and test reports for
quality standards with additional uncertainty information for
ISO 17025 conformance.


Número de pieza similar - ECFLA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Time Electronics Ltd.
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
1Mb / 2P
5011 Resistance and Temperature Calibrator
06/22
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
514Kb / 2P
5018 Programmable DC-AC V-I Calibrator
06/22
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
ECFLA TIME-ELECTRONICS-ECFLA Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
More results

Descripción similar - ECFLA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
LCD Module Calibrator
July 9, 2008
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
LCD Module Calibrator
logo
Ralston Instruments.
QTFT-2MS0-MP RALSTON-QTFT-2MS0-MP Datasheet
463Kb / 1P
Adapt any pressure calibrator, pressure gauge or comparator to Quick-test easily
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com