Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ECFLA Datasheet(PDF) 2 Page - Time Electronics Ltd.

No. de pieza ECFLA
Descripción Electrónicos  8030 Automatic Pressure Calibrator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TIME-ELECTRONICS [Time Electronics Ltd.]
Página de inicio  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

ECFLA Datasheet(HTML) 2 Page - Time Electronics Ltd.

  ECFLA Datasheet HTML 1Page - Time Electronics Ltd. ECFLA Datasheet HTML 2Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time Electronics
8030 Automatic Pressure Calibrator
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
Technical Specifications
Pressure ranges .........................................................–1 to 100 bar (1500 psi). Configured based on customer range requirement.
Internal sensors..........................................................3 in total plus 1 barometric reference.
Pressure types............................................................Gauge, compound, absolute and differential.
Accuracy (per sensor) ...............................................0.01 % FS
......................................................................................0.03 % FS for low range and differential sensors (30 mbar to 300 mbar).
Precision .....................................................................< 0.005 % FS.
Barometric reference option .....................................Enables user to switch from gauge to absolute pressure.
......................................................................................Measuring range: 800 to 1,200 mbar absolute. Accuracy: 0.01 % RDG.
Pressure units.............................................................20 selectable and 1 programmable.
Control stability...........................................................< 0.005 % FS of the active sensor.
Control time ................................................................< 10 s.
Pressure ports ............................................................Minimess type with hoses supplied. BSP and NPT available.
Pressure media...........................................................Clean, dry, non-corrosive, non-combustible and non-oxidising gases.
Overpressure protection ...........................................150 % of the largest pressure range.
Screen .........................................................................7 ” TFT colour touch-screen (4 wire resistive).
Resolution ...................................................................up to 6 digits (user selectable).
Response time............................................................approx. 10 ms.
Warm-up time .............................................................approx. 10 minutes.
Communication interface ..........................................RS-232 and ethernet.
Power supply ..............................................................100 to 230 V AC, 50/60 Hz.
Supply port pressure .................................................Maximum 105 to 110 % FS.
Test port pressure ......................................................Maximum 105 % FS.
Operating temperature ..............................................10 to 40 °C (50 to 104 °F).
Storage temperature..................................................0 to 70 °C (32 to 158 °F).
Air humidity.................................................................0 to 95 % (relative humidity without moisture condensation).
Compensated temperature range ............................15 to 35 °C (59 to 95 °F).
Dimensions/Weight ....................................................W 235 x H 132 x D 375 mm / Weight: approx 12 kg depending on sensors ordered.
Additional 8030 versions ...........................................0 to 140 bar (2000 psi), 0 to 200 bar (3000 psi), 0 to 230 bar (3350 psi).
......................................................................................High pressure models can have up to 2 internal sensors plus 1 barometric reference.
......................................................................................Hydraulic version up to 1000 bar (see 8030-H data sheet).
Supplied with ..............................................................Contamination trap, 2 port manifold, hoses, fittings, power lead, user manuals.
Ordering Information
8030..........................................................................Automatic Pressure Calibrator/Controller
......................................................................................Can be configured with up to 3 sensors and a barometric reference.
8030BARO....................................................................Barometric reference option for 8030
7165..............................................................................8030 compressor pump (17, 35, 50 and 70 bar versions available, range based on 8030 ordered)
7149..............................................................................Electical vacuum pump
7161P ..............................................................................Quad port pneumatic manifold (for use up to 200 bar)
ECFLA ..........................................................................EasyCal Calibration Software (full user licence, accompanying calibrator discounted price)
Calibration Certificates.................................................Traceable calibration certificate (Factory) and Accredited calibration certificate (ISO 17025)
Additional options include instrument UUT stands, fittings, manifolds, pressure adaptor kits, hoses. Available upon request.
v3a
09/21
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com