Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CML7 Datasheet(PDF) 2 Page - Clarke International

No. de pieza CML7
Descripción Electrónicos  HYDRAULIC MOTORCYCLE LIFT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CLARKE [Clarke International]
Página de inicio  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CML7 Datasheet(HTML) 2 Page - Clarke International

  CML7 Datasheet HTML 1Page - Clarke International CML7 Datasheet HTML 2Page - Clarke International CML7 Datasheet HTML 3Page - Clarke International CML7 Datasheet HTML 4Page - Clarke International CML7 Datasheet HTML 5Page - Clarke International CML7 Datasheet HTML 6Page - Clarke International CML7 Datasheet HTML 7Page - Clarke International CML7 Datasheet HTML 8Page - Clarke International CML7 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE hydraulic motorcycle lift.
Before attempting to operate this product, it is essential that you read this manual
thoroughly and carefully follow all instructions given. In doing so you can look forward
to the product giving you long and satisfactory service.
SPECIFICATIONS
SAFETY SYMBOLS
Model Number
CML7
Maximum Load
360 kg (800lb)
Minimum Table Height
180 mm
Maximum Table Height
680 mm (excl wheel clamp)
Net weight inc Wheel Clamp
97.1kg
Wheel Clamp Max. Opening Width
180 mm
Table Length
1900 mm
Table Length with Ramp
2545 mm
Table Width
530 mm
Operating temperature range
0oC - 40oC
Always read the user
manual before use
Wear foot protection
Warning: Crush Hazard,
Risk of crushing of hands
Warning: Crush Hazard,
Keep feet clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com