Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CML7 Datasheet(PDF) 3 Page - Clarke International

No. de pieza CML7
Descripción Electrónicos  HYDRAULIC MOTORCYCLE LIFT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CLARKE [Clarke International]
Página de inicio  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CML7 Datasheet(HTML) 3 Page - Clarke International

  CML7 Datasheet HTML 1Page - Clarke International CML7 Datasheet HTML 2Page - Clarke International CML7 Datasheet HTML 3Page - Clarke International CML7 Datasheet HTML 4Page - Clarke International CML7 Datasheet HTML 5Page - Clarke International CML7 Datasheet HTML 6Page - Clarke International CML7 Datasheet HTML 7Page - Clarke International CML7 Datasheet HTML 8Page - Clarke International CML7 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
1. NEVER exceed the safe working load of 360kg (800lb) and only use the
motorcycle lift for its intended purpose.
2. NEVER use the lift if it has been subjected to an abnormal load or shock. It
should be removed from service immediately and fully inspected by qualified
personnel before being passed as serviceable before being used again.
3. NEVER rely on the hydraulic ram to support the table when loaded. Always use
the locking bar to hold the table in one of the two positions provided.
4. NEVER crawl or reach under the platform unless it is mechanically locked using
the safety bar provided.
5. ALWAYS use the lift on a solid, flat, level surface.
6. ALWAYS screw down the 2 stabilisers
at the front end of the lift before putting
the table under load.
NOTE:
The castors are not designed
to take the weight of the
motorcycle but are used
merely to move the lift quickly
and easily around the
workshop. On no account
must you raise a loaded
platform unless the stabilisers
are screwed down, and NEVER
use the lift to transport a load.
7. NEVER travel on the motorcycle lift, as
it was not designed for this purpose.
8. ALWAYS use appropriate safety
equipment such as protective footwear when using this lift.
9. ALWAYS inspect the lift before use to ensure it is in good condition and replace
any damaged or worn parts.
10. ALWAYS use spare parts supplied by CLARKE International. Using non-standard
parts could be extremely dangerous.
11. ENSURE the operator is trained in both operational and safety aspects of using
this product.
12. NEVER leave this lift unattended whilst there is a load on it.
13. NEVER allow children or bystanders anywhere near this lift whilst it is in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com