Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7231BST3 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7231BST3
Descripción Electrónicos  5.5 V Low Loss Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7231BST3 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7231BST3 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7231BST3 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7231BST3 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7231BST3 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7231BST3 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7231BST3 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7231BST3 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7231BST3 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIO7231B
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD
DIO7231B• Rev 1.5
Block Diagram
Application Information
Power Supply Considerations
A 0.1 μF ceramic capacitor from VIN to GND to prevent the input voltage from dropping during the hot-plug
condition is strongly recommended. However higher capacitance could help reduce the voltage drop. Further
more, bypassing the input with a 0.1 μF ceramic capacitor improves the immunity of the device to short-circuit
transients because an output short will cause ringing on the input without the input capacitor. It could destroy the
internal circuitry when the input transient voltage exceeds the absolute maximum supply voltage even for a short
duration.
Undervoltage Lockout
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2.4 V, a control
signal turns off the power switch.
Overcurrent Protection
The DIO7231B responds to overcurrent conditions by limiting output current to the ILIM level. When an
overcurrent condition is detected, the device maintains a constant output current and reduces the output voltage
accordingly. Complete shutdown occurs only if the fault is present long enough to activate thermal limit.
Two possible overload conditions can occur. In the first condition, an excessive load occurs when the device is
enabled. When the excessive load occurs, very high currents may flow for a short time before the current limit
circuit can react. After the current limit circuit has tripped (reached the overcurrent trip threshold) the device
switches into constant current mode to limit the current close to ILIM.
In the second condition, the load is gradually increasing beyond the recommended operating current. The current
is permitted to rise until the current limit threshold (ILIM) is reached or until the thermal limit of the device is
exceeded. The DIO7231B is capable of delivering current up to the current limit threshold (ILIM) without damaging
the device. As soon as the threshold has been reached, the device switches into its constant current mode.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com