Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DIO7298 Datasheet(PDF) 3 Page - DIOO MICROCIRCUITS CO., LTD

No. de pieza DIO7298
Descripción Electrónicos  Ultra-Small, Low-Input Voltage, Low RON Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOO [DIOO MICROCIRCUITS CO., LTD]
Página de inicio  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7298 Datasheet(HTML) 3 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7298 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7298 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7298 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7298 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7298 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7298 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7298 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7298 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO7298 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DIO7298
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
DIO7298• Rev.1.6
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Rating” may cause permanent damage to the device. These are stress
ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Symbol
Parameter
Rating
Unit
VIN
Input voltage
-0.3 to 3.6
V
VOUT
Output voltage
VIN+0.3
V
VON
Input voltage
-0.3 to 3.6
V
PD
Power dissipation at TA = 25°C
0.48
W
IMAX
Maximum continuous switch current
2
A
TA
Operating free air temperature range
-40 to 85
°C
TL
Maximum lead temperature (10s soldering time)
300
°C
TSTG
Storage temperature
-45 to 145
°C
θJA
Thermal resistance
189.1
°C/W
ESD
HBM: All pins
±4000
V
Latch up
±400
mA
Recommend Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended Operating
conditions are specified to ensure optimal performance to the datasheet specifications. DIOO does not Recommend exceeding
them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Rating
Unit
VIN
Input voltage range
1.0 to 3.6
V
VOUT
Output voltage range
VIN
V
VIH
High level input voltage, ON
0.85 to 3.6
V
VIL
Low level input voltage, ON
0.4
V
CIN
Input capacitor
1
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com