Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

29F4G08BA Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza 29F4G08BA
Descripción Electrónicos  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F4G08BA Datasheet(HTML) 12 Page - STMicroelectronics

Back Button 29F4G08BA Datasheet HTML 8Page - STMicroelectronics 29F4G08BA Datasheet HTML 9Page - STMicroelectronics 29F4G08BA Datasheet HTML 10Page - STMicroelectronics 29F4G08BA Datasheet HTML 11Page - STMicroelectronics 29F4G08BA Datasheet HTML 12Page - STMicroelectronics 29F4G08BA Datasheet HTML 13Page - STMicroelectronics 29F4G08BA Datasheet HTML 14Page - STMicroelectronics 29F4G08BA Datasheet HTML 15Page - STMicroelectronics 29F4G08BA Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
NAND interface
ST72681
12/32
Using this scheme, a logical address range doesn’t correspond to a constant block. A write
command repeated several times to the same logical address writes physically into different
blocks.
This method shares the wearing evenly across all blocks of the concerned zone.
4.5
NAND interface configuration
Applications based on ST72681 can be configured through a dedicated PC software tool.
The NAND RE and WE signals frequencies can be independently configured to 30 MHz, 20
MHz, 15 MHz, 12 MHz and 10 MHz.
The logical size reduction factor can be configured to 90% or 50% in the event of having too
many bad blocks. this option resizes the used blocks part of the LUT to 900 or 500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com