Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

29F4G08BA Datasheet(PDF) 27 Page - STMicroelectronics

No. de pieza 29F4G08BA
Descripción Electrónicos  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

29F4G08BA Datasheet(HTML) 27 Page - STMicroelectronics

Back Button 29F4G08BA Datasheet HTML 23Page - STMicroelectronics 29F4G08BA Datasheet HTML 24Page - STMicroelectronics 29F4G08BA Datasheet HTML 25Page - STMicroelectronics 29F4G08BA Datasheet HTML 26Page - STMicroelectronics 29F4G08BA Datasheet HTML 27Page - STMicroelectronics 29F4G08BA Datasheet HTML 28Page - STMicroelectronics 29F4G08BA Datasheet HTML 29Page - STMicroelectronics 29F4G08BA Datasheet HTML 30Page - STMicroelectronics 29F4G08BA Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ST72681
Electrical characteristics
27/32
7.9.2
Universal serial bus interface (USB)
Table 24.
DC characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IDDsuspend Suspend current
VDD33 = 3.3V, Powerdown
mode, 25°C (1)
1.
The values provided do not take into account the current through both the 1.5k
Ω pull-up resistor (on the
device-side) and the 15k
Ω pull-down resistor (on the host-side).
60
90
190
uA
RPU
Pull-up resistor (2)
2.
Not tested in production, guaranteed by characterization.
1.5
k
Ω
Full speed mode
VTERM
Termination voltage
0.8
2.0
V
VOH
High level output voltage
2.8
3.6
V
VOL
Low level output voltage
0.8
V
VCRS
Crossover voltage
1.3
2.0
V
High speed mode
VHSOH
HS data signalling high
400
mV
VHSOL
HS data signalling low
5
mV
Table 25.
Timing characteristics
Symbol
Parameter
Conditions
Min.
Max.
Unit
Full speed mode
tFR
Rise time
CL= 50 pF
4
20
ns
tFF
Fall time
CL= 50 pF
4
20
ns
High speed mode
tHSR
Rise time
500 (1)
1.
Not tested in production, guaranteed by characterization.
ps
tHSF
Fall time
500 (1)
ps
tHSDRAT
HS data rate
479.76
480.24
Mb/s
Table 26.
USB High Speed Transmit Waveform requirements
Voltage Level (DP - DN)
Time
Unit Interval (UI)
-
2.082 to 2.084 ns
Level 1
475 mV
-
Level 2
-475 mV
-
Point 1
0V
5% UI
Point 2
0V
95% UI
Point 3
300 mV
35% UI
Point 4
300 mV
65% UI
Point 5
-300 mV
35% UI
Point 6
-300 mV
65% UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com