| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZEJ Datasheet(PDF) 44 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ Datasheet(HTML) 44 Page - Texas Instruments |
|
44 / 218 page ![]() Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued) ZCZ Ball Number [1] ZFG Ball Number [1] ZEJ Ball Number [1] ZNC Ball Number [1] Ball Name [2]/ IOMUX Register [14]/ ADDRESS [15]/ DEFAULT VALUE [16] Signal Name [3] Mux Mode [4] TYPE [5] BALL STATE DURING RESET RX/TX/PULL [6] BALL STATE AFTER RESET RX/TX/PULL [7] MUX MODE AFTER RESET [8] IO VOLTAGE [9] HYS [11] BUFFER TYPE [13] PULL TYPE [12] A4 A6 GPIO78 GPIO78_CFG_REG 0x5310 0138 0x0000 05F7 MMC0_CMD 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART0_TXD 1 O LIN0_TXD 2 IO MCAN0_TX 3 O PR1_MDIO0_MDC 4 O GPIO78 7 IO SDFM1_D0 8 I B5 B6 GPIO79 GPIO79_CFG_REG 0x5310 013C 0x0000 05F7 MMC0_D0 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART2_RXD 1 I I2C1_SCL 2 IO MCAN1_RX 3 I PR1_PRU0_GPIO10 4 IO GPIO79 7 IO SDFM1_CLK1 8 I B4 A5 GPIO80 GPIO80_CFG_REG 0x5310 0140 0x0000 05F7 MMC0_D1 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD MCAN1_TX 3 O PR1_PRU0_GPIO9 4 IO GPIO80 7 IO SDFM1_D1 8 I A3 B5 GPIO81 GPIO81_CFG_REG 0x5310 0144 0x0000 05F7 MMC0_D2 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART2_TXD 1 O I2C1_SDA 2 IO PR1_PRU0_GPIO0 4 IO GPIO81 7 IO SDFM1_CLK2 8 I A2 A4 GPIO82 GPIO82_CFG_REG 0x5310 0148 0x0000 05F7 MMC0_D3 0 IO Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART3_RTSn 1 O PR1_PRU0_GPIO1 4 IO GPIO82 7 IO SDFM1_D2 8 I C6 B4 GPIO83 GPIO83_CFG_REG 0x5310 014C 0x0000 05F7 MMC0_WP 0 I Off / Off / Off Off / Off / Off Mode7 3.3V Yes LVCMOS PU/PD UART0_RTSn 1 O I2C2_SCL 2 IO PR1_PRU0_GPIO2 4 IO GPIO83 7 IO SDFM1_CLK3 8 I AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 44 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |