| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM261...ZEJ Datasheet(PDF) 54 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJ Datasheet(HTML) 54 Page - Texas Instruments |
|
54 / 218 page ![]() 5.3.1.1 ADC-CMPSS Signal Connections In each ADC, three sets of differential pins shall be shared with pins of three CMPSSA . These pins are demonstrated in Figure 5-5 and Table 5-5 where the CHSEL values determine how the inputs are fed into ADC. 12-bit DAC 12-bit DAC DAC-H Code DAC-L Code CMPSS-A 12-bit DAC 12-bit DAC DAC-H Code DAC-L Code CMPSS-A INP-0 INM-0 INP-1 INM-1 INP-2 INM-2 CAL-0 CAL-1 ATB 12-bit 3 MSPS 12-bit DAC 12-bit DAC DAC-H Code DAC-L Code CMPSS-A Figure 5-5. CMPSS and ADC Connections Note The ADC sampling speed for AM261x is 3MSPS. Table 5-5. Connectivity between ADC Inputs to CMPSS Signals Signal/Pin Name ADC Input CMPSS Input ADC0 Channels ADC0_AIN0 ADC0:inp0 (+IN0) CMPSSA0:inH (+IN) ADC0_AIN1 ADC0:inm0 (-IN0) CMPSSA0:inL (-IN) ADC0_AIN2 ADC0:inp1 (+IN1) CMPSSA1:inH (+IN) ADC0_AIN3 ADC0:inm1 (-IN1) CMPSSA1:inL (-IN) ADC0_AIN4 ADC0:inp2 (+IN2) CMPSSA2:inH (+IN) ADC0_AIN5 ADC0:inm2 (-IN2) CMPSSA2:inL (-IN) ADC0_AIN6 ADC0:inm3 (-IN3) X ADC_CAL0 ADC0:inp3 (+IN3) X ADC1 Channels ADC1_AIN0 ADC1:inp0 (+IN0) CMPSSA2:inH (+IN) ADC1_AIN1 ADC1:inm0 (-IN0) CMPSSA2:inL (-IN) ADC1_AIN2 ADC1:inp1 (+IN1) CMPSSA3:inH (+IN) ADC1_AIN3 ADC1:inm1 (-IN1) CMPSSA3:inL (-IN) ADC1_AIN4 ADC1:inp2 (+IN2) CMPSSA4:inH (+IN) ADC1_AIN5 ADC1:inm2 (-IN2) CMPSSA4:inL (-IN) ADC1_AIN6 ADC1:inm3 (-IN3) X ADC_CAL0 ADC1:inp3 (+IN3) X ADC2 Channels AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 54 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |