| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3722 Datasheet(PDF) 63 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3722 Datasheet(HTML) 63 Page - ams-OSRAM AG |
|
63 / 199 page ![]() Page 62 ams Datasheet Document Feedback [v1-01] 2015-Sep-07 AS3722 − Detailed Descriptions- System Functions Figure 60: Regulator Stand-By Exit Sequence Regulator Stand-By Exit Sequence: Shows timing relationships of the regulators and corresponding control signals during exiting stand-by mode regulator stand-by exit Reg9_select_stby<4:0> ... CLK32k pin enabled XRES_OUT Power up sequence controlled start power up sequence, by any interrupt or ENALBE1=HIGH or ac_ok_int or lid_int if enable1_deepsleep=1 0msec(If Reg8_delay_stby=0) 1msec(If Reg8_delay_stby=1 and delay_time_stby=0) 4msec(If Reg8_delay_stby=1 and delay_time_stby=1) I2C/SPI controlled if eanble2_enable=1 ENABLE2 SD0 Interrupt/ENABLE1 0msec(If Reg0_delay_stby=0) 1msec(If Reg0_delay_stby=1 and delay_time_stby=0) 4msec(If Reg0_delay_stby=1 and delay_time_stby=1) Reg7_voltage_stby>0 Reg6_voltage_stby>0 Reg1_voltage_stby>0 Reg0_voltage_stby>0 Caution! No I2C/SPI command allowed as long as the sequence is not finished All (other) LDOs/DCDCs which have been deactivated during standby Reg8_select_stby<4:0> Reg1_select_stby<4:0> Reg0_select_stby<4:0> low if stby_reset_enable=1 res_timer (if stby_reset_enable=1) 0msec(If Reg9_delay_stby=0) 1msec(If Reg9_delay_stby=1 and delay_time_stby=0) 4msec(If Reg9_delay_stby=1 and delay_time_stby=1) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |