| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS3722 Datasheet(PDF) 22 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3722 Datasheet(HTML) 22 Page - ams-OSRAM AG |
|
22 / 199 page ![]() ams Datasheet Page 21 [v1-01] 2015-Sep-07 Document Feedback AS3722 − Detailed Descriptions- Power Management Functions Mode Settings Low Ripple, Low Noise Operation Bit settings: sdX_low_noise=1 In this mode there is no minimum coil current necessary before switching off the PMOS. As long as the load current is superior to the ripple current the device operates in continuous mode. Figure 10: DC/DC Buck Continuous Mode DC/DC Buck Continuous Mode: Shows the DC/DC switching waveforms of for SD5 at about 500mA. When the load current gets lower, the discontinuous mode is triggered. As result, the auto-zero comparator stops the NMOS conduction to avoid load discharger and the duty cycle is reduced down to tmin_on to keep the regulation loop stable. This results in a very low ripple and noise, but decreased efficiency, at light loads, especially at low input to output voltage differences. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |