| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA015 Datasheet(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA015 Datasheet(HTML) 47 Page - STMicroelectronics |
|
47 / 55 page ![]() 47/55 STA015 STA015B STA015T Thi min = 3ns Tlo min = 3ns Toclk min = 25ns tsdo = 5.5 + pad_timing (Cload_SDO) ns tsckt = 6 + pad_timing (Cload_SCKT) ns tlrckt = 5.5 + pad_timing (Cload_LRCKT) ns 6.3.2 Bitstream input interface (SDI, SCKR, BIT_EN) SCL_POL = 0 6.3.3 Bitstream input interface (SDI, SCKR, BIT_EN) SCL_POL = 1 tsdi_setup_min = 2ns tsdi_hold_min = 3ns tsckr_min_hi = 10ns tsckr_min_low = 10ns tsckr_min_lperiod = 50ns t_biten (min) = 2ns 6.3.4 SRC_INT This is an asynchronous input used in "broadcast’ mode. SRC_INT is active low t_src_low min duration is 50ns (1DSP clock period) t_src_high min duration is 50ns (1DSP clock period) SDI SCKR IGNORED VALID IGNORED t_biten t_biten tsdi_hold tsdi_setup D98AU971A tsckr_min_high BIT_EN SCLK_POL=0 tsckr_min_low tsckr_min_period SDI SCKR IGNORED IGNORED VALID IGNORED t_biten t_biten tsdi_hold tsdi_setup D99AU1038 tsckr_min_high BIT_EN SCLK_POL=4 tsckr_min_low tsckr_min_period SRC_INT D98AU972 t_src_hi t_src_low |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |