| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STA015B Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA015B Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 55 page ![]() 13/55 STA015 STA015B STA015T Figure 11. The following 4 figures (fig. 12, 13, 14, 15) show the available connection diagrams as far as ADPCM en- coding function. As shown in the figures some configuration is not available in SO28 package. Figure 12. Input from BITSTREAM, Output from I2C Figure 13. Input from ADC, Output from I2C +IRQ ADC I/F ENCOD ENGINE I2C GPSO MUX SDA SCL DATA_REQ LRCK_ADC SDI_ADC SCK_ADC GPSO_REQ GPSO_DATA GPSO_SCKR SERIAL RECEIVER SDI SCKR DATA_REQ D99AU1064 SDI SCKR LRCKT SCKT SDO OCLK DATA_REQ MCU DAC BIT_EN I2C D99AU1121A SO28 TQFP44 LFBGA64 STA013 compatible mode DATA_REQ DATA_REQ LRCK_ADC SDI_ADC SDO LRCKT SCKT SCK_ADC SDI_ADC I2C I2C OCLK MCU ADC SLAVE MCU ADC MASTER DAC DAC STA015 STA015 D99AU1123A OCLK SDO SCKT LRCKT SO28 TQFP44 LFBGA64 SO28 TQFP44 LFBGA64 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |