Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST3NF50PL Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

No. de pieza ST3NF50PL
Descripción Electrónicos  RF Load 100 Watts High Power To 3 GHz SMA Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST3NF50PL Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ST3NF50PL Datasheet HTML 1Page - Infinite Electronics International, Inc. ST3NF50PL Datasheet HTML 2Page - Infinite Electronics International, Inc. ST3NF50PL Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
High power RF termination (also called RF load or dummy load) ST3NF50PL from
Fairview Microwave operates from DC to 3 GHz and handles up to 100 Watts
(CW). This SMA termination (or load) has a female gender. ST3NF50PL SMA load
termination offers 1.25:1 max VSWR.
RF terminations / loads are critical passive components in many RF, microwave and
millimeter wave systems where signal reflection from unused ports can reduce the
signal integrity and can potentially damage the device. By terminating an unused
port with a matched load (dummy load), the incident energy will be absorbed with
minimal reflection. These radio frequency termination components are commonly
used to terminate devices such as couplers, circulators, and switches. Loads /
terminations are also widely used in measurement systems to ensure accurate
results. Fairview offers a large selection of in-stock RF, microwave and millimeter
wave terminations up to 65 GHz with great performance over the entire operating
range and with power handling capabilities up to 800 Watts (CW).
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
VSWR
1.25:1
Input Power (CW)
100
Watts
Mechanical Specifications
Size
Length
0.88 in [22.35 mm]
Width
1.38 in [35.05 mm]
Height
0.56 in [14.22 mm]
.
Weight
0.1135 lbs [51.48 g]
.
Configuration
Connector
SMA Female
Material Specifications
.
Description
Material
Plating
Connector 1 Contact
Brass
.
Body
Copper
Nickel
.
Mechanical Specification Notes:
Heatsink is required for proper operation.
Unit is cooled by conduction to heatsink.
Housing temperature must be maintained at +100°C or less.
Environmental Specifications
Temperature
Operating Range
-40 to +70 deg C
ST3NF50PL
DATA SHEET
RF Load 100 Watts High Power To 3 GHz SMA Female
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• High Power RF Load
• DC to 3 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 100 Watts (CW)
• SMA Female Coaxial Interface
Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication


Número de pieza similar - ST3NF50PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
ST3N-200 FAIRVIEW-ST3N-200 Datasheet
649Kb / 3P
N Male (Plug) Termination (Load) 200 Watts High Power to 3 GHz, Heatsink Body, 1.25 VSWR, 10 KWatts Peak Power
REV 1.1A
ST3N-200F FAIRVIEW-ST3N-200F Datasheet
496Kb / 3P
RF Load 200 Watts High Power To 3 GHz Black Anod­ ized Aluminum Heatsink N Female
REV 1.2
ST3N252 FAIRVIEW-ST3N252 Datasheet
461Kb / 3P
ST3N252 DATA SHEET RF Load 30 Watts Medium Power To 3 GHz Black An­ odized Aluminum Heatsink N Male
REV 2.0
ST3N501 FAIRVIEW-ST3N501 Datasheet
457Kb / 3P
RF Load 50 Watts Medium Power To 3 GHz Black An­ odized Aluminum Heatsink N Male
REV 2.0
ST3N502F FAIRVIEW-ST3N502F Datasheet
456Kb / 3P
RF Load 50 Watts Medium Power To 3 GHz Black An­ odized Aluminum Heatsink N Female
REV 2.0
More results

Descripción similar - ST3NF50PL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE6043 PASTERNACK-PE6043 Datasheet
264Kb / 3P
50 Ohm 100 Watts Aluminum Heatsink SMA Female RF Load Up To 2 GHz
PE6219 PASTERNACK-PE6219 Datasheet
256Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6220 PASTERNACK-PE6220 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6221 PASTERNACK-PE6221 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6222 PASTERNACK-PE6222 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6223 PASTERNACK-PE6223 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6226 PASTERNACK-PE6226 Datasheet
255Kb / 3P
High Power 100 Watts RF Load Up To 8 GHz
PE6TR1002 PASTERNACK-PE6TR1002 Datasheet
345Kb / 3P
High Power 100 Watt RF Load Up To 6 GHz With SMA Female Input
PE6137 PASTERNACK-PE6137_14 Datasheet
212Kb / 3P
High Power 100 Watts RF Load Up To 2 GHz
PE6168 PASTERNACK-PE6168_14 Datasheet
217Kb / 3P
High Power 100 Watts RF Load Up To 4 GHz
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com