Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CHA2069-QDG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

No. de pieza CHA2069-QDG
Descripción Electrónicos  18-30GHz Low Noise Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069-QDG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2069-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
18-30GHz Low Noise Amplifier
CHA2069-QDG
Ref. DSCHA2069QDG6332 - 28 Nov 06
3/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Absolute Maximum Ratings (1)
Tamb = +25°C
Symbol
Parameter (1)
Values
Unit
Vd
Drain bias voltage
5
V
Pin
Maximum input power overdrive
-7.0
dBm
Rth_BDE
Thermal Resistance channel to ground paddle (2)
130
°C/W
Rth_BCF
Thermal Resistance channel to ground paddle (2)
120
°C/W
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these paramaters may cause permanent damage.
(2) Thermal resistance for Tamb. = +85°C and a Tj max = +175°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com