Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CHA2069-QDG Datasheet(PDF) 7 Page - United Monolithic Semiconductors

No. de pieza CHA2069-QDG
Descripción Electrónicos  18-30GHz Low Noise Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UMS [United Monolithic Semiconductors]
Página de inicio  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069-QDG Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHA2069-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 10Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
18-30GHz Low Noise Amplifier
CHA2069-QDG
Ref. DSCHA2069QDG6332 - 28 Nov 06
7/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical PCB Measured Performance
Tamb = +25°C, Vd = +4,5V
Gain and NF @ low current config. (BDE grounded)
0
2
4
6
8
10
12
14
16
18
20
22
24
10
12
14
16
18
20
22
24
26
28
30
32
Frequency (GHz)
Gain
NF
NF and Gain in the package access planes, using the proposed land pattern & board 95541
Gain and NF @ high current config. (BCF grounded)
0
2
4
6
8
10
12
14
16
18
20
22
24
10
12
14
16
18
20
22
24
26
28
30
32
Frequency (GHz)
Gain
NF
NF and Gain in the package access planes, using the proposed land pattern & board 95541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com