Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT80C5112 Datasheet(PDF) 79 Page - ATMEL Corporation

No. de pieza AT80C5112
Descripción Electrónicos  8-bit Microcontroller with A/D Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C5112 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT80C5112_08 Datasheet HTML 75Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 76Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 77Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 78Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 79Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 80Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 81Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 82Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
79
AT8xC5112
4191C–8051–02/08
5. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature and
5V.
6. If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
7. For other values, please contact your sales office.
8. Operating ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 36.), VIL =
VSS + 0.5V,
VIH = VCC - 0.5V; XTAL2 N.C.; RST/VPP= VCC;. The internal ROM runs the code 80 FE (label: SJMP label). ICC would be
slightly higher if a crystal oscillator is used. Measurements are made with OTP products when possible, which is the worst
cas
Figure 32. V
CC Test Condition, Under Reset
Figure 33. Operating ICC Test Condition
Figure 34. ICC Test Condition, Idle Mode
VCC
ICC
(NC)
C L O C K
SIGNAL
All other pins are disconnected.
RST
XTAL2
XTAL1
VSS
VCC
VCC
ICC
(NC)
C L O C K
SIGNAL
All other pins are disconnected.
RST
XTAL2
XTAL1
VSS
VCC
Reset = V
SS after a high pulse
during at least 24 clock cycles
VCC
RST
XTAL2
XTAL1
VSS
VCC
ICC
(NC)
VCC
All other pins are disconnected.
C L O C K
SIGNAL
Reset = VSS after a high pulse
during at least 24 clock cycles
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com