Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AT80C5112 Datasheet(PDF) 9 Page - ATMEL Corporation

No. de pieza AT80C5112
Descripción Electrónicos  8-bit Microcontroller with A/D Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C5112 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT80C5112_08 Datasheet HTML 5Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 6Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 7Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 8Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 9Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 10Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 11Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 12Page - ATMEL Corporation AT80C5112_08 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
8
AT8xC5112
4191C–8051–02/08
Functional Block Diagram
Operating Modes
Functional Modes
Normal Modes
CPU and Peripheral clocks depend on the software selection using CKCON0,
CKCON1, CKSEL and CKRL registers.
CKS bit selects either Xtal_Osc or RC_Osc.
CKRL register determines the frequency of the selected clock, unless X2 bit is set.
In this case the prescaler/divider is not used, so CPU core needs only 6 clock
periods per machine cycle. According to the value of the peripheral X2 individual bit,
each peripheral needs 6 or 12 clock periods per instruction.
It is always possible to switch dynamically by software from Xtal_Osc to RC_Osc,
and vice versa by changing CKS bit, a synchronization cell allowing to avoid any
spike during transition.
Idle Modes
IDLE modes are achieved by using any instruction that writes into PCON.0 sfr
IDLE modes A and B depend on previous software sequence, prior to writing into
PCON.0 register:
IDLE MODE A: Xtal_Osc is running (OSCAEN = 1) and selected (CKS = 1)
IDLE MODE B: RC_Osc is running (OSCBEN = 1) and selected (CKS = 0)
The unused oscillator Xtal_Osc or RC_Osc can be stopped by software by clearing
OSCAEN or OSCBEN, respectively.
Exit from IDLE mode is achieved by Reset, or by activation of an enabled interrupt.
In both cases, PCON.0 is cleared by hardware.
Xtal2
Xtal1
PwdRC
WD Clock
PwdOsc
Ckrl
Reload
8-bit
Prescaler-Divider
ResetB
1
0
OscOut
Xtal_Osc
RC_Osc
OSCBEN
OSCAEN
CKS
X2
0
1
Mux
Filter
+
OSCA
OSCB
CkIdle
Ck
Idle
CPU Clock
Peripherals Clock
Pwd
CkOut
CkAdc
Quiet
: 128
A/D Clock
Sub Clock
Timer 0 Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com