Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PSD813F1 Datasheet(PDF) 67 Page - STMicroelectronics

No. de pieza PSD813F1
Descripción Electrónicos  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button PSD813F1 Datasheet HTML 63Page - STMicroelectronics PSD813F1 Datasheet HTML 64Page - STMicroelectronics PSD813F1 Datasheet HTML 65Page - STMicroelectronics PSD813F1 Datasheet HTML 66Page - STMicroelectronics PSD813F1 Datasheet HTML 67Page - STMicroelectronics PSD813F1 Datasheet HTML 68Page - STMicroelectronics PSD813F1 Datasheet HTML 69Page - STMicroelectronics PSD813F1 Datasheet HTML 70Page - STMicroelectronics PSD813F1 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 120 page
background image
Preliminary
PSD813F1-A
63
The
PSD813F1
Functional
Blocks
(cont.)
9.4.6 Port C – Functionality and Structure
Port C can be configured to perform one or more of the following functions (see Figure 28):
t MCU I/O Mode
t CPLD Output – McellBC[7:0] outputs can be connected to Port B or Port C.
t CPLD Input – via the Input Micro
⇔Cells
t Address In – Additional high address inputs using the Input Micro
⇔Cells.
t In-System Programming – JTAG port can be enabled for programming/erase of the
PSD813F1 device. (See Section 9.6 for more information on JTAG programming.)
t Open Drain – Port C pins can be configured in Open Drain Mode
t Battery Backup features – PC2 can be configured as a Battery Input (Vstby) pin.
PC4 can be configured as a Battery On Indicator output
pin, indicating when Vcc is less than Vbat.
Port C does not support Address Out mode, and therefore no Control Register is required.
Pin PC7 may be configured as the DBE input in certain microcontroller interfaces.
9.4.7 Port D – Functionality and Structure
Port D has three I/O pins. See Figure 29. This port does not support Address Out mode,
and therefore no Control Register is required. Port D can be configured to perform one or
more of the following functions:
t MCU I/O Mode
t CPLD Output – (external chip select)
t CPLD Input – direct input to CPLD, no Input Micro
⇔Cells
t Slew rate – pins can be set up for fast slew rate
Port D pins can be configured in PSDsoft as input pins for other dedicated functions:
t PD0 – ALE, as address strobe input
t PD1 – CLKIN, as clock input to the Micro
⇔Cells Flip Flops and APD counter
t PD2 – CSI, as active low chip select input. A high input will disable the
Flash/EEPROM/SRAM and CSIOP.
9.4.7.1 External Chip Select
The CPLD also provides three chip select outputs on Port D pins that can be used to
select external devices. Each chip select (ECS0-2) consists of one product term that can be
configured active high or low. The output enable of the pin is controlled by either the output
enable product term or the Direction Register. (See Figure 29.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com