Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLM2M-C Datasheet(PDF) 1 Page - PANDUIT CORP.

No. de pieza PLM2M-C
Descripción Electrónicos  Cable Ties & Wire Markers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLM2M-C Datasheet(HTML) 1 Page - PANDUIT CORP.

  PLM2M-C Datasheet HTML 1Page - PANDUIT CORP. PLM2M-C Datasheet HTML 2Page - PANDUIT CORP. PLM2M-C Datasheet HTML 3Page - PANDUIT CORP. PLM2M-C Datasheet HTML 4Page - PANDUIT CORP. PLM2M-C Datasheet HTML 5Page - PANDUIT CORP. PLM2M-C Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Cable Ties & Wire Markers | Cable Ties
Pan-Ty® Cable Ties – Nylon 6.6
• For indoor use
• Versatile locking cable ties can be used in countless applications
• One-piece construction for consistent performance and reliability
• Lowest threading force of any one-piece cable tie in the industry
• Curved tip is easy to pick up from flat surfaces and allows faster
initial threading to speed installation
Part No.
Cross-Section
Color
Size
Length x Width x Thickness
Max. Bundle
Diameter
Min. Loop
Tensile Str.
Recommended Installation Tool
Pkg. Qty.
PLT2H-L
Light-heavy
Natural
8.1" x 0.300" x 0.075"
2"
120 lbs.
GTH-E, GS4H, GS4EH, PTH, STH2, ST3EH
50
PLT1.5I-M
Intermediate
Natural
5.6" x 0.142" x 0.045"
1.38"
40 lbs.
GTS-E, GS2B, PTS, PPTS, STS2
1000
PLT1.5I-M0
Intermediate
Black
5.6" x 0.142" x 0.045"
1.38"
40 lbs.
GTS-E, GS2B, PTS, PPTS, STS2
1000
PLT1.5M-M
Miniature
Natural
5.6" x 0.098" x 0.043"
1.25"
18 lbs.
GTS-E, GS2B, PTS, PPTS, STS2
1000
PLT1.5S-M
Standard
Natural
6.2" x 0.190" x 0.052"
1.5"
50 lbs.
GTS-E, GS2B, GTH-E, PTS, PPTS, PTH, STS2, STH2
1000
PLT1.5S-M0
Standard
Black
6.2" x 0.190" x 0.052"
1.5"
50 lbs.
GTS-E, GS2B, GTH-E, PTS, PPTS, PTH, STS2, STH2
1000
PLT2S-M
Standard
Natural
7.4" x 0.190" x 0.052"
1.88"
50 lbs.
GTS-E, GS2B, GTH-E, GS4H, PTS, PPTS, PTH, STS2, STH2
1000
PLT2S-M0
Standard
Black
7.4" x 0.190" x 0.052"
1.88"
50 lbs.
GTS-E, GS2B, GTH-E, GS4H, PTS, PPTS, PTH, STS2, STH2
1000
PLT3S-M
Standard
Natural
11.5" x 0.190" x 0.052"
3"
50 lbs.
GTS-E, GS2B, GTH-E, GS4H, PTS, PPTS, PTH, STS2, STH2
1000
Pan-Ty® Marker and Flag Ties
• Nylon 6.6 material for indoor use
• Weather resistant material has greater resistance to damage caused by ultraviolet light – indoor or outdoor use
• Flame retardant material has a flammability rating of UL 94V-0 – for indoor use
• Used to fasten and identify bundles at the same time
• One-piece construction for consistent performance and reliability
• Can be marked with Panduit marker pens or computer printable labels
• Curved tip is easy to pick up from flat surfaces and allows faster initial threading to speed installation
Part No.
Cross-Section
Color
Marker
Type
Size
Length x Width x Thickness
Marker
Write-On Area
Max. Bundle
Diameter
Min. Loop
Tensile Str.
Recommended
Installation Tool
Pkg. Qty.
PLF1M-C
Miniature
Natural
Flag
4.3" x 0.98" x 0.45"
0.31" x 0.75"
0.87"
18 lbs.
GTS-E, GS2B,
PTS, PPTS, STS2
100
PLM2M-C
Miniature
Natural
Wrap
8" x 0.98" x 0.35"
0.26" x 0.95"
2"
18 lbs.
GTS-E, GS2B,
PTS, PPTS, STS2
100
PLM2S-C
Standard
Natural
Wrap
7.4" x 0.185" x 0.52"
0.44" x 0.87"
1.75"
50 lbs.
GTS-E, GS2B, GTH-E,
GS4H, PTS, PTH,
PPTS, STS2, STH2
100
Pan-Steel® Polyester Fully Coated Cable Ties – MLTFC Series
• Polyester coating available in two color options provides visual indication
for easy identification
• Self-locking head design speeds installation and locks into place at any length
along the tie body
• Heavy cross section
• Polyester coating provides additional edge protection and prevents corrosion
between dissimilar metals
• AISI 316 stainless steel for the most corrosive environments
• UV resistant, low smoke, halogen-free material
• Temperature Range: -40° to 302°F
MLTFC2H-LP316RD
MLTFC2H-LP316BU
*Other lengths available, contact Panduit Customer Service.
^Base material less coating.
Part No.
Color
Size
Length* x Width x Thickness^
Max./Min.
Bundle Diameter
Min. Loop
Tensile Str.
Recommended Installation Tool
Pkg. Qty.
MLTFC2H-LP316RD
Red
7.9" x 0.31" x 0.010"
2"/0.5"
250 lbs.
GS4MT, ST2MT HTMT, PPTMT, PBTMT
50
MLTFC2H-LP316BU
Blue
7.9" x 0.31" x 0.010"
2"/0.5"
250 lbs.
GS4MT, ST2MT HTMT, PPTMT, PBTMT
50


Número de pieza similar - PLM2M-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PANDUIT CORP.
PLM2M-C PANDUIT-PLM2M-C Datasheet
517Kb / 1P
Marker and Flag Ties – Nylon 6.6
PLM2M-C PANDUIT-PLM2M-C Datasheet
235Kb / 5P
Pan-Ty® Marker and Flag Ties
More results

Descripción similar - PLM2M-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
030648-000 MACOM-030648-000 Datasheet
168Kb / 2P
Pre-Printed Wire and Cable Markers
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
561-M2011 ETC2-561-M2011 Datasheet
636Kb / 2P
Wire Cable Ties Asst. Kit
561-N3515 ETC2-561-N3515 Datasheet
179Kb / 2P
Nylon Wire Cable Ties
logo
PANDUIT CORP.
ARC68-A-Q PANDUIT-ARC68-A-Q Datasheet
98Kb / 1P
Cable and Wire Mounting Devices (Used without Cable Ties)
logo
Richco, Inc.
PT-305 RICHCO-PT-305 Datasheet
114Kb / 1P
PUSHBUTTON WIRE TIES
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com