Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PLM2M-C Datasheet(PDF) 2 Page - PANDUIT CORP.

No. de pieza PLM2M-C
Descripción Electrónicos  Cable Ties & Wire Markers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANDUIT [PANDUIT CORP.]
Página de inicio  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLM2M-C Datasheet(HTML) 2 Page - PANDUIT CORP.

  PLM2M-C Datasheet HTML 1Page - PANDUIT CORP. PLM2M-C Datasheet HTML 2Page - PANDUIT CORP. PLM2M-C Datasheet HTML 3Page - PANDUIT CORP. PLM2M-C Datasheet HTML 4Page - PANDUIT CORP. PLM2M-C Datasheet HTML 5Page - PANDUIT CORP. PLM2M-C Datasheet HTML 6Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
800.777.3300 | Panduit.com
Cable Ties | Cable Ties & Wire Markers
Pan-Ty® Locking Cable Ties – Polypropylene – Distinctive Green Color
• For chemical resistance where high loop tensile strength is not required especially in the presence of hydrochloric acid,
salts, and bases
• For indoor use
• Material requires lowering the tool setting (see table below)
• One-piece construction for consistent performance and reliability
• Lowest threading force of any one-piece cable tie in the industry
• Curved tip is easy to pick up from flat surfaces and allows faster initial threading to speed installation
Part No.
Cross-Section
Color
Size
Length x Width x Thickness
Max. Bundle
Diameter
Min. Loop
Tensile Str.
Recommended Installation Tool
Tool Setting
Pkg. Qty.
PLT1M-M109
Miniature
Green
3.9" x 0.098" x 0.043"
0.87"
11 lbs.
GTS-E, GS2B, PTS, PPTS, STS2
2
1000
Pan-Ty® Clamp Ties – Nylon 6.6
• For indoor use
• Used to secure a cable bundle to another surface such as a control panel, communication rack, wall or ceiling
• Design allows for bundling before or after screwing clamp in place
• One-piece construction for consistent performance and reliability
• Curved tip is easy to pick up from flat surfaces and allows faster initial threading to speed installation
• UL Listed for use in plenum or air handling spaces per NEC
PLC1M-S4-C
Part No.
Cross-Section
Color
Size
Length x Width x Thickness
Nominal
Hole Dia.
Screw
Size
Metric
Screw Size
Max. Bundle
Diameter
Min. Loop
Tensile Str.
Recommended
Installation Tool
Pkg. Qty.
PLC1M-S4-C
Miniature
Natural
4.3" x 0.100" x 0.45"
0.122"
#4
M2.5
0.75"
18 lbs.
GTS-E, GS2B,
PTS, PPTS, STS2
100
PLC2S-S6-C
Standard
Natural
7.9" x 0.190" x 0.47"
0.148"
#6
M3
1.84"
50 lbs.
GTS-E, GS2B, GTH-E,
GS4H, PTS, PTH, PPTS,
STS2, STH2
100
Pan-Ty® Releasable Cable Ties – Nylon 6.6
• For indoor use
• Extended release tab permits easy release and re-use where changes are anticipated during development,
production, or servicing in the field
• One-piece construction for consistent performance and reliability
• Curved tip is easy to pick up from flat surfaces and allows faster initial threading to speed installation
• UL Listed for use in plenum or air handling spaces per NEC
Part No.
Cross-Section
Color
Size
Length x Width x Thickness
Max. Bundle
Diameter
Min. Loop
Tensile Str.
Recommended Installation Tool
Pkg. Qty.
PRT2S-C
Standard
Natural
7.4" x 0.190" x 0.52"
1.88"
50 lbs.
Hand install only
100



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com