Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SFPGESST Datasheet(PDF) 4 Page - StarTech.com Ltd.

No. de pieza SFPGESST
Descripción Electrónicos  Cisco SFP-GE-S Compatible SFP Fiber Module - 1000BASE-SX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARTECH [StarTech.com Ltd.]
Página de inicio  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SFPGESST Datasheet(HTML) 4 Page - StarTech.com Ltd.

  SFPGESST Datasheet HTML 1Page - StarTech.com Ltd. SFPGESST Datasheet HTML 2Page - StarTech.com Ltd. SFPGESST Datasheet HTML 3Page - StarTech.com Ltd. SFPGESST Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Warranty
Lifetime
Hardware
Compatible Brand
Cisco
Industry Standards
IEEE 802.3z 1000BASE-SX
WDM
No
Performance
Compatible Networks
1000 Mbps (1 Gbps)
DDM
Yes
Fiber Operating Mode
Half/Full-Duplex
Max Transfer Distance
550 m (1804 ft)
Maximum Data Transfer Rate
1.25 Gbps
MTBF
3,381,761 hours
Type
Multi Mode
Wavelength
850nm
Connector(s)
Local Unit Connectors
1 - Fiber Optic LC Duplex Female
Special Notes /
Requirements
Note
For use in Gigabit fiber networking equipment and media
converters
System and Cable Requirements
MSA or Cisco compliant SFP port
Power
Power Consumption (In Watts)
< 1 W
Environmental
Humidity
30~70% RH
Operating Temperature
0°C to 70°C (32°F to 158°F)
Storage Temperature
-40°C to 85°C (-40°F to 85°F)
Physical
Characteristics
Product Height
10 mm [0.4 in]
Product Length
60 mm [2.4 in]
Product Weight
17 g [0.6 oz]
Product Width
12 mm [0.5 in]
Packaging
Information
Shipping (Package) Weight
95 g [3.4 oz]
What's in the Box
Included in Package
1 - 1.25 Gbps Multimode LC SFP
Product appearance and specifications are subject to change without notice.
www.startech.com/uk
0800 169 0408



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com