Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SFPGESST Datasheet(PDF) 1 Page - StarTech.com Ltd.

No. de pieza SFPGESST
Descripción Electrónicos  Cisco SFP-GE-S Compatible SFP Fiber Module - 1000BASE-SX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STARTECH [StarTech.com Ltd.]
Página de inicio  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SFPGESST Datasheet(HTML) 1 Page - StarTech.com Ltd.

  SFPGESST Datasheet HTML 1Page - StarTech.com Ltd. SFPGESST Datasheet HTML 2Page - StarTech.com Ltd. SFPGESST Datasheet HTML 3Page - StarTech.com Ltd. SFPGESST Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cisco SFP-GE-S Compatible SFP Fiber Module -
1000BASE-SX
Product ID: SFPGESST
The SFPGESST is a Cisco SFP-GE-S compatible fiber transceiver module that has been designed,
programmed and tested to work with Cisco® brand switches and routers. It delivers dependable 1 GbE
connectivity over fiber cable, for 1000BASE-SX compliant networks, with a maximum distance of up to
550 m (1804 ft).
Technical Specifications:
•
Wavelength: 850nm
•
Maximum Data Transfer Rate: 1.25 Gbps
•
Type: Multi Mode Fiber
•
Connection Type: LC Connector
•
Maximum Transfer Distance: 550 m (1804 ft)
•
MTBF: 3,381,761 hours
•
Power Consumption: Less than 1 Watt
•
Digital Diagnostics Monitoring (DDM): Yes
www.startech.com/uk
0800 169 0408


Número de pieza similar - SFPGESST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATGBICS by Approved Tec...
SFPGE-11-C ATGBICS-SFPGE-11-C Datasheet
292Kb / 8P
SFPGE-11 Riverstone Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFPGE-12-C ATGBICS-SFPGE-12-C Datasheet
195Kb / 7P
SFPGE-12 Riverstone Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
SFPGE-19-C ATGBICS-SFPGE-19-C Datasheet
322Kb / 9P
SFPGE-19 Riverstone Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results

Descripción similar - SFPGESST

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATGBICS by Approved Tec...
ONS-SC-GE-SX-C ATGBICS-ONS-SC-GE-SX-C Datasheet
294Kb / 8P
ONS-SC-GE-SX Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
ONS-SI-GE-SX-C ATGBICS-ONS-SI-GE-SX-C Datasheet
294Kb / 8P
ONS-SI-GE-SX Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
RED-SFP-GE-SX-C ATGBICS-RED-SFP-GE-SX-C Datasheet
293Kb / 8P
RED-SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-1GB-SX-C ATGBICS-SFP-1GB-SX-C Datasheet
294Kb / 8P
SFP-1GB-SX Cisco Meraki Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-S-C ATGBICS-SFP-GE-S-C Datasheet
293Kb / 8P
SFP-GE-S Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-850-DLC-C ATGBICS-SFP-GE-SX-850-DLC-C Datasheet
294Kb / 8P
SFP-GE-SX-850-DLC Zhone Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-C ATGBICS-SFP-GE-SX-C Datasheet
293Kb / 8P
SFP-GE-SX Redback Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-DLC-C ATGBICS-SFP-GE-SX-DLC-C Datasheet
293Kb / 8P
SFP-GE-SX-DLC Voltaire Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
SFP-GE-SX-MM850-C ATGBICS-SFP-GE-SX-MM850-C Datasheet
293Kb / 8P
SFP-GE-SX-MM850 Huawei Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
VIP-SFP-1GE-SX-C ATGBICS-VIP-SFP-1GE-SX-C Datasheet
293Kb / 8P
VIP-SFP-1GE-SX Cisco Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com