| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0034521 Datasheet(PDF) 3 Page - Lapp. |
|
|
|||||||||||||||||||||||||||||
0034521 Datasheet(HTML) 3 Page - Lapp. |
|
3 / 6 page ![]() Article number Number of cores and mm² per conductor Outer diameter [mm] Copper index [kg/km] Weight [kg/km] UNITRONIC® LiYCY 0034302 2 x 0.14 3.9 12 20 0034303 3 x 0.14 4.1 13 28 0034304 4 x 0.14 4.3 14.3 33 0034305 5 x 0.14 4.6 15.5 38 0034306 6 x 0.14 4.9 18.2 38 0034307 7 x 0.14 4.9 19 49 0034308 8 x 0.14 5.8 21.2 56 0034310 10 x 0.14 6.1 28.5 66 0034312 12 x 0.14 6.3 30.4 78 0034314 14 x 0.14 6.7 32 80 0034315 15 x 0.14 6.9 37.8 86 0034316 16 x 0.14 7 43 90 0034318 18 x 0.14 7.3 48.8 95 0034320 20 x 0.14 7.7 53.9 100 0034321 21 x 0.14 7.9 55.5 105 0034324 24 x 0.14 8.3 61 112 0034325 25 x 0.14 8.5 63 120 0034328 28 x 0.14 8.5 66.1 141 0034330 30 x 0.14 8.7 69 155 0034336 36 x 0.14 9.3 83 170 0034340 40 x 0.14 10.4 87.5 178 0034344 44 x 0.14 10.7 110.5 185 0034350 50 x 0.14 11.1 122.5 195 0034402 2 x 0.25 4.5 16 32 0034403 3 x 0.25 4.7 21 37 0034404 4 x 0.25 5 24 41.3 0034405 5 x 0.25 5.6 29 51.2 0034406 6 x 0.25 6 30 58 0034407 7 x 0.25 6 37 65 0034408 8 x 0.25 7.1 42 73 0034410 10 x 0.25 7.5 46 82 0034412 12 x 0.25 7.7 53 98 0034414 14 x 0.25 8 59 99 |