Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC2855IDE Datasheet(PDF) 5 Page - Analog Devices

No. de pieza LTC2855IDE
Descripción Electrónicos  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTC2855IDE Datasheet(HTML) 5 Page - Analog Devices

  LTC2855IDE Datasheet HTML 1Page - Analog Devices LTC2855IDE Datasheet HTML 2Page - Analog Devices LTC2855IDE Datasheet HTML 3Page - Analog Devices LTC2855IDE Datasheet HTML 4Page - Analog Devices LTC2855IDE Datasheet HTML 5Page - Analog Devices LTC2855IDE Datasheet HTML 6Page - Analog Devices LTC2855IDE Datasheet HTML 7Page - Analog Devices LTC2855IDE Datasheet HTML 8Page - Analog Devices LTC2855IDE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2854/LTC2855
5
285455fc
For more information www.linear.com/LTC2854
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
Figure 4. Driver Timing Measurement
Figure 3. Receiver Input Current and Input Resistance
GND
OR
VCC
+
VOC
–
R
R
Z
Y
GND
OR
VCC
DI
DRIVER
+
VOD
–
–7V to +12V
Z
Y
DI
DRIVER
IOSD
+
–
285455 F01-2
+–
RECEIVER
285455 F03
A OR B
VIN
IIN
B OR A
VIN
IIN
RIN =
DRIVER
DI
RDIFF
CL
CL
285455 F04a
Y
Z
tPLHD
1/2 VO
90%
90%
0
0
tRD
tFD
10%
285455 F04b
10%
VO
VCC
Y, Z
DI
Y-Z
0V
tSKEWD
tPHLD
Figure 5. Driver Enable and Disable Timing Measurements
DRIVER
DI
VCC
OR
GND
GND
OR
VCC
VCC
OR
GND
RL
RL
CL
285455 F05a
Y
Z
DE
CL
tZLD,
tZLSD
tZHD,
tZHSD
tHZD,
tSHDN
tLZD
1/2 VCC
1/2 VCC
1/2 VCC
DE
Y OR Z
Z OR Y
VCC
VCC
VOL
VO
VOH
0V
0V
0.5V
0.5V
285455 F05b
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com