Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTC2855IDE Datasheet(PDF) 14 Page - Analog Devices

No. de pieza LTC2855IDE
Descripción Electrónicos  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

LTC2855IDE Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC2855IDE Datasheet HTML 10Page - Analog Devices LTC2855IDE Datasheet HTML 11Page - Analog Devices LTC2855IDE Datasheet HTML 12Page - Analog Devices LTC2855IDE Datasheet HTML 13Page - Analog Devices LTC2855IDE Datasheet HTML 14Page - Analog Devices LTC2855IDE Datasheet HTML 15Page - Analog Devices LTC2855IDE Datasheet HTML 16Page - Analog Devices LTC2855IDE Datasheet HTML 17Page - Analog Devices LTC2855IDE Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
LTC2854/LTC2855
14
285455fc
For more information www.linear.com/LTC2854
PACKAGE DESCRIPTION
3.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WEED-2).
CHECK THE LTC WEBSITE DATA SHEET FOR CURRENT STATUS OF VARIATION ASSIGNMENT
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
±0.10
BOTTOM VIEW—EXPOSED PAD
1.65
±0.10
(2 SIDES)
0.75
±0.05
R = 0.125
TYP
2.38
±0.10
(2 SIDES)
1
5
10
6
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DD) DFN REV C 0310
0.25
±0.05
2.38
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65
±0.05
(2 SIDES)
2.15
±0.05
0.50
BSC
0.70
±0.05
3.55
±0.05
PACKAGE
OUTLINE
0.25
±0.05
0.50 BSC
DD Package
10-Lead Plastic DFN (3mm
× 3mm)
(Reference LTC DWG # 05-08-1699 Rev C)
PIN 1 NOTCH
R = 0.20 OR
0.35
× 45°
CHAMFER
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com