Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX5035DASA/V+ Datasheet(PDF) 5 Page - Analog Devices

No. de pieza MAX5035DASA/V+
Descripción Electrónicos  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

MAX5035DASA/V+ Datasheet(HTML) 5 Page - Analog Devices

  MAX5035DASA/V+ Datasheet HTML 1Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 2Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 3Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 4Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 5Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 6Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 7Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 8Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
Typical Operating Characteristics
(VIN = 12V, VON/OFF = 12V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Application Circuit, if applicable.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PACKAGE THERMAL CHARACTERISTICS
SO package (JEDEC 51)
170
Thermal Resistance
(Junction to Ambient)
θJA
DIP package (JEDEC 51)
110
°C/W
THERMAL SHUTDOWN
Thermal-Shutdown Junction
Temperature
TSH
+160
°C
Thermal-Shutdown Hysteresis
THYST
20
°C
Note 1: Switch current at which current limit is activated.
Note 2: All limits at -40°C are guaranteed by design, not production tested.
VOUT vs. TEMPERATURE
(MAX5035AASA, VOUT = 3.3V)
TEMPERATURE (
°C)
3.24
3.28
3.32
3.36
3.40
3.20
IOUT = 0.1A
IOUT = 1A
100
50
0
-50
150
-25
25
75
125
VOUT vs. TEMPERATURE
(MAX5035DASA, VOUT = 5V)
TEMPERATURE (
°C)
125
100
-25
0
25
50
75
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
4.80
-50
150
IOUT = 0.1A
IOUT = 1A
LINE REGULATION
(MAX5035AASA, VOUT = 3.3V)
INPUT VOLTAGE (V)
65
50
35
20
3.24
3.28
3.32
3.36
3.40
3.20
580
IOUT = 1A
IOUT = 0.1A
LINE REGULATION
(MAX5035DASA, VOUT = 5V)
INPUT VOLTAGE (V)
65
50
20
35
4.85
4.90
4.95
5.00
5.05
5.10
5.15
5.20
4.80
580
IOUT = 1A
IOUT = 0.1A
LOAD REGULATION
(MAX5035AASA, VOUT = 3.3V)
ILOAD (mA)
800
600
400
200
3.24
3.28
3.32
3.36
3.40
3.20
0
1000
VIN = 7.5V, 24V
VIN = 76V
LOAD REGULATION
(MAX5035DASA, VOUT = 5V)
ILOAD (mA)
800
600
400
200
4.95
5.00
5.05
5.10
4.90
01000
VIN = 76V
VIN = 24V
VIN = 7.5V
ELECTRICAL CHARACTERISTICS (MAX5035_A_ _) (continued)
(VIN = +12V, VON/OFF = +12V, IOUT = 0, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See
the
Typical Application Circuit.) (Note 2)
MAX5035
Maxim Integrated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com