Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX5035DASA/V+ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza MAX5035DASA/V+
Descripción Electrónicos  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

MAX5035DASA/V+ Datasheet(HTML) 6 Page - Analog Devices

Back Button MAX5035DASA/V+ Datasheet HTML 2Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 3Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 4Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 5Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 6Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 7Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 8Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 9Page - Analog Devices MAX5035DASA/V+ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
Typical Operating Characteristics (continued)
(VIN = 12V, VON/OFF = 12V, TA = -40
°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Application Circuit, if applicable.)
OUTPUT CURRENT LIMIT
vs. TEMPERATURE
TEMPERATURE (
°C)
125
100
75
50
25
0
-25
0.5
1.0
1.5
2.0
0
-50
150
MAX5035DASA
VOUT = 5V
5% DROP IN VOUT
OUTPUT CURRENT LIMIT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
65
50
35
20
0.8
1.1
1.4
1.7
2.0
0.5
580
MAX5035DASA
VOUT = 5V
5% DROP IN VOUT
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
230
260
290
320
350
200
100
50
0
-50
150
-25
25
75
125
QUIESCENT SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
66
56
46
36
26
16
230
260
290
320
350
200
676
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
5
10
15
20
25
0
100
50
0
-50
150
-25
25
75
125
SHUTDOWN CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
66
56
46
36
26
16
4
8
12
16
20
0
676
EFFICIENCY vs. LOAD CURRENT
(MAX5035AASA, VOUT = 3.3V)
LOAD CURRENT (mA)
800
600
400
200
10
20
30
40
50
60
70
80
90
100
0
0
1000
VIN = 76V
VIN = 48V
VIN = 24V
VIN = 12V
VIN = 7.5V
EFFICIENCY vs. LOAD CURRENT
(MAX5035DASA, VOUT = 5V)
LOAD CURRENT (mA)
800
600
400
200
10
20
30
40
50
60
70
80
90
100
0
01000
VIN = 76V
VIN = 48V
VIN = 24V
VIN = 12V
VIN = 7.5V
EFFICIENCY vs. LOAD CURRENT
(MAX5035DASA, VOUT = 12V)
LOAD CURRENT (mA)
800
600
400
200
10
20
30
40
50
60
70
80
90
100
0
0
1000
VIN = 76V
VIN = 48V
VIN = 24V
VIN = 15V
MAX5035
6
Maxim Integrated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com