Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS2622D Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza FS2622D
Descripción Electrónicos  Safety System Basis Chip with Low Power for ASIL D / ASIL B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS2622D Datasheet(HTML) 4 Page - NXP Semiconductors

  FS2622D Datasheet HTML 1Page - NXP Semiconductors FS2622D Datasheet HTML 2Page - NXP Semiconductors FS2622D Datasheet HTML 3Page - NXP Semiconductors FS2622D Datasheet HTML 4Page - NXP Semiconductors FS2622D Datasheet HTML 5Page - NXP Semiconductors FS2622D Datasheet HTML 6Page - NXP Semiconductors FS2622D Datasheet HTML 7Page - NXP Semiconductors FS2622D Datasheet HTML 8Page - NXP Semiconductors FS2622D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
NXP Semiconductors
FS26
Safety System Basis Chip with Low Power for ASIL D / ASIL B
3 Features and benefits
Operating range
• 40 V DC maximum input voltage
• Support operating voltage range down to battery 3.2 V with VBST
• Support operating voltage range down to battery 6 V without VBST
• Low Power OFF mode with 30 µA quiescent current
• Low Power Standby mode with 29 µA quiescent current with VPRE active. LDO1 or LDO2 activation
selectable via OTP configuration. GPIO1 or GPIO2 activation selectable via SPI communication.
Power supplies
• VPRE: Synchronous buck converter with integrated FETs. Configurable output voltage and switching
frequency, output DC current capability up to 1.5 A and PFM mode for Low Power Standby mode operation.
• VCORE: Synchronous buck converter with integrated FETs. VCORE is dedicated for microcontroller core
supply. Output DC current up to 0.8 A or 1.65 A (depending on part number), output voltage range setting
from 0.8 V to 3.35 V.
• VBST: Asynchronous boost controller with external low-side switch, diode, and current sense resistor. VBST
is configurable as front-end supply to withstand low voltage cranking profiles or in back-end supply with
configurable output voltage and scalable output DC current capability.
• LDO1: LDO regulator for microcontroller I/O support with selectable output voltage between 3.3 V and 5.0 V
and up to 400 mA current capability.
• LDO2: LDO regulator for system peripheral support with selectable output voltage between 3.3 V and 5.0 V
and up to 400 mA current capability.
• VREF: High-precision reference voltage with 0.75 % accuracy for External ADC reference and internal
tracking reference.
• TRK1 and TRK2: Voltage tracking regulators with selectable output voltage between VREF, LDO2, or Internal
LDO reference. Support high-voltage protection for ECU off board operation. Each Tracker has a current
capability up to 150 mA.
System support
• Two wake-up inputs with high-voltage support for system robustness
• Two programmable GPIO with wake-up capability or HS/LS driver
• Programmable long duration timer (LDT) for system shutdown and wake-up control
• Monitoring of system voltages (Including Battery voltage monitoring) through the analog multiplexer
• Selectable wake-up sources from: WAKE/GPIO pins, LDT, or SPI activity
• Device control via 32-bit SPI interface with cyclic redundancy checks (CRC)
Compliance
• Electromagnetic compatibility (EMC) optimization techniques for switching regulators, including spread
spectrum, slew rate control, and manual frequency tuning.
• Electromagnetic interference (EMI) robustness supporting various automotive EMI test standards.
Functional safety
• Scalable portfolio from Automotive Safety Integrity Levels (ASIL) B to D
• Independent monitoring circuitry, dedicated interface for microcontroller monitoring, simple or challenger
watchdog function
• Analog built-in self-test (ABIST) and Logical Built-In Self-Test (LBIST) at start up
• Analog built-in self-test (ABIST) on demand
• Safety outputs with latent fault detection mechanism (RSTB, FS0B, FS1B)
PB_FS26
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product brief
Rev. 3 — 14 March 2023
4 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com