Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FS2622D Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza FS2622D
Descripción Electrónicos  Safety System Basis Chip with Low Power for ASIL D / ASIL B
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS2622D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button FS2622D Datasheet HTML 3Page - NXP Semiconductors FS2622D Datasheet HTML 4Page - NXP Semiconductors FS2622D Datasheet HTML 5Page - NXP Semiconductors FS2622D Datasheet HTML 6Page - NXP Semiconductors FS2622D Datasheet HTML 7Page - NXP Semiconductors FS2622D Datasheet HTML 8Page - NXP Semiconductors FS2622D Datasheet HTML 9Page - NXP Semiconductors FS2622D Datasheet HTML 10Page - NXP Semiconductors FS2622D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
NXP Semiconductors
FS26
Safety System Basis Chip with Low Power for ASIL D / ASIL B
5 Ordering information
This section describes the part numbers available for purchase, with their main differences. It also depicts how
the part number reference is built.
5.1 Part number definition
Figure 2 shows how the FS26xyz part number is used to describe the available feature set of each device.
aaa-045498
P
FS
26 X Y
A
M
Zzz
AD
Release Type
M
Production
P
Pre-release
FS
Family
Core
High Voltage
Power Management
S
Customer
special
2600-
2633
Initial
Release
A
M
Product Core
Release Version
Temperature
-40 to 125 °C
B-Z as required
A0
No OTP
A1-
ZZ
Unique part
identification
AD
LQFP48
Funct. or Param.
variant
Package
ASIL
Fit for ASIL B (Simple W/D, UV/OV, ABIST, VMON)
Fit for ASIL D (Challenger WD, FCCU, ABIST/LBIST, VMON)
FS1b
no
yes
no
Z
Z
Y
X
FS 2 6
FS26xx
Product Numbering Scheme
B
D
Y
0
1
2
3
X
0
PMIC Solution
Vcore 0.8 A, Vboost, 1 MV Buck, 2 LDOs 1 Tracker
Vcore 0.8 A, Vboost, 1 MV Buck, 2 LDOs 2 Trackers
Vcore 1.6 A, Vboost, 1 MV Buck, 2 LDOs 1 Tracker
Vcore 1.6 A, Vboost, 1 MV Buck, 2 LDOs 2 Trackers
1
2
3
yes
LDT
no
no
yes
yes
Use case
Base
FS1b
LDT
FS1b and LDT
Figure 2. Part number breakdown
Figure 3 maps FS26 part numbers vs. product feature sets.
aaa-045499
Vcore
0.8 A core
1 TRK
EXT Supply
ASIL Level
ASIL B
ASIL D
ASIL B
ASIL D
ASIL B
ASIL D
ASIL B
ASIL D
Base
FS2600B
FS2600D
FS2610B
FS2610D
FS2620B
FS2620D
FS2630B
FS2630D
FS1b
FS2601B
FS2601D
FS2611B
FS2611D
FS2621B
FS2621D
FS2631B
FS2631D
LDT
FS2602B
FS2602D
FS2612B
FS2612D
FS2622B
FS2622D
FS2632B
FS2632D
FS1b + LDT
FS2603B
FS2603D
FS2613B
FS2613D
FS2623B
FS2623D
FS2633B
FS2633D
2 TRK
1 TRK
2 TRK
1.6 A core
Figure 3. Part number mapping versus features set
PB_FS26
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product brief
Rev. 3 — 14 March 2023
7 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com