Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS04504PS-X-R Datasheet(PDF) 1 Page - PUI audio inc.

No. de pieza AS04504PS-X-R
Descripción Electrónicos  Enhances bass response in many speakers from 25mm to 70mm in diameter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PUIAUDIO [PUI audio inc.]
Página de inicio  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04504PS-X-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS04504PS-X-R Datasheet HTML 1Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 2Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 3Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Data Sheet
APR050SO-R
PUI Audio’s eXtreme Series speakers are purpose-built for superior
performance. When combined with the APR050SO-R passive radiator, a
speakers’ low frequency performance can be extended almost a full octave
lower, for exceptional bass response without adding space for a tuned vent.
Features:
•
Replaces a tuned port in vented enclosures, saving space
•
Enhances bass response in many speakers from 25mm to 70mm in diameter
•
Built with peel-and-stick 3M™ double-sided tape for quick, easy mounting
•
Stamped steel diaphragm
Specifications (Parameters derived from Golden Sample, up to 20% variance is acceptable except for Fs)
Parameters
Values
Units
Resonant Frequency (Fs)
78±10%
Hz
Mechanical Q-Factor (Qms)
2.53
-
Moving Mass (Mms)
4.06
Grams
Mechanical Compliance (Cms)
0.928
mm/N
Mechanical Stiffness (Kms)
1.09
N/mm
Mechanical Resistance (Rms)
0.81
Kg/s
Diaphragm Surface Area (Sd)
8.7
cm2
Frame Material
Stamped Steel
-
Diaphragm Material
Stamped Steel
-
Surround Material
TPE
-
Weight
5.67
Grams
Ingress Protection Rating
IP67
-
Environmental Compliances
RoHS, REACH
-
Operating Temperature
-20 ~ +60
°C
Two APR050SO-Rs used with AS04504PS-X-R in 0.4 Liter Enclosure (in Blue)
AS04504PS-X-R in 0.4 Liter Sealed Enclosure (in Red)


Número de pieza similar - AS04504PS-X-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PUI audio inc.
AS04504PS-X-R PUIAUDIO-AS04504PS-X-R Datasheet
711Kb / 6P
Large voice coil diameter for high power handling
6/14/19
More results

Descripción similar - AS04504PS-X-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Axiomtek Co., Ltd.
MMT175 AXIOMTEK-MMT175 Datasheet
342Kb / 2P
Built-in internal microphone/2W stereo speakers
logo
MRV Communications, Inc...
EM316T3E3-XY MRV-EM316T3E3-XY Datasheet
1Mb / 4P
Many optional functions in one single module
logo
STMicroelectronics
AN1278 STMICROELECTRONICS-AN1278 Datasheet
303Kb / 44P
Many mechanical components in the automotive sector have been replaced
Apr-2002
logo
Axiomtek Co., Ltd.
MMT225 AXIOMTEK-MMT225_15 Datasheet
394Kb / 2P
Built-in internal microphone/2W stereo speakers
logo
Laird Tech Smart Techno...
CCM12 LSTD-CCM12 Datasheet
205Kb / 2P
Operates in many radio frequencies for worldwide deployment
logo
Taoglas antenna solutio...
ISA.06.A.301111 TAOGLAS-ISA.06.A.301111 Datasheet
725Kb / 10P
Wide-band response from 400Mhz to 470MHz
logo
WALSIN TECHNOLOGY CORPO...
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
Low in-band amplitude and phase imbalance enhances system performance
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com