Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS04504PS-X-R Datasheet(PDF) 2 Page - PUI audio inc.

No. de pieza AS04504PS-X-R
Descripción Electrónicos  Enhances bass response in many speakers from 25mm to 70mm in diameter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PUIAUDIO [PUI audio inc.]
Página de inicio  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04504PS-X-R Datasheet(HTML) 2 Page - PUI audio inc.

  AS04504PS-X-R Datasheet HTML 1Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 2Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 3Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2021, PUI Audio Inc.
www.puiaudio.com
Example Applications
Speaker
Enclosure Volume*
# of APR050SO-Rs f3 (-3 dB frequency) f10 (-10 dB frequency)
AS04504PS-X-R
0.40 Liters
Two
250 Hz
105 Hz
0.20 Liters
Two
218 Hz
112 Hz
0.10 Liters
Two
192 Hz
128 Hz
AS05804PS-X-R
0.50 Liters
Two
174 Hz
95 Hz
0.25 Liters
Two
150 Hz
100 Hz
0.10 Liters
Two
159 Hz
120 Hz
AS06504PS-X-R
0.40 Liters
Two
260 Hz
103 Hz
0.20 Liters
Two
217 Hz
110 Hz
0.10 Liters
Two
193 Hz
133 Hz
*Enclosure volume does not include volume displaced by speaker and passive radiator.
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at +60°C ± 2°C followed by 0.5 hours in
normal room temperature
Low Temperature Test
96 hours at -20°C ± 3°C followed by 0.5 hours in
normal room temperature
Humidity Test
96 hours at +40°C ± 2°C with relative humidity at
80% followed by 12 hours in normal room
temperature
Dimensions



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com