Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AR040600MR-LW100-R Datasheet(PDF) 3 Page - PUI audio inc.

No. de pieza AR040600MR-LW100-R
Descripción Electrónicos  Revised Frequency Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PUIAUDIO [PUI audio inc.]
Página de inicio  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AR040600MR-LW100-R Datasheet(HTML) 3 Page - PUI audio inc.

  AR040600MR-LW100-R Datasheet HTML 1Page - PUI audio inc. AR040600MR-LW100-R Datasheet HTML 2Page - PUI audio inc. AR040600MR-LW100-R Datasheet HTML 3Page - PUI audio inc. AR040600MR-LW100-R Datasheet HTML 4Page - PUI audio inc. AR040600MR-LW100-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
www.puiaudio.com
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at +70°C ± 2°C followed by six hours in
normal room temperature
Low Temperature Test
96 hours at -30°C ± 2°C followed by six hours in
normal room temperature
Humidity Test
48 hours at +40°C ± 2°C with relative humidity at
90~95% followed by six hours in normal room
temperature
Temperature Cycle Testing
The part shall be subjected to 4 cycles using the
following procedure:
Vibration Test
Frequency 30 ± 15 Hz, Amplitude 1.5 mm for 3
Hours
Drop Test
75 CM free falling on Concrete floor, 10 times
Load Test and Max Power Test
White noise is applied at the speakers rated
power for 96 hours at room temperature
After each test, the speaker’s SPL shall be ±3 dB of the original SPL



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com