Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AR040600MR-LW100-R Datasheet(PDF) 1 Page - PUI audio inc.

No. de pieza AR040600MR-LW100-R
Descripción Electrónicos  Revised Frequency Range
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PUIAUDIO [PUI audio inc.]
Página de inicio  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AR040600MR-LW100-R Datasheet(HTML) 1 Page - PUI audio inc.

  AR040600MR-LW100-R Datasheet HTML 1Page - PUI audio inc. AR040600MR-LW100-R Datasheet HTML 2Page - PUI audio inc. AR040600MR-LW100-R Datasheet HTML 3Page - PUI audio inc. AR040600MR-LW100-R Datasheet HTML 4Page - PUI audio inc. AR040600MR-LW100-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2020, PUI Audio Inc.
www.puiaudio.com
Data Sheet
AR040600MR-LW100-R
Specifications
Parameters
Values
Units
Rated Input Power
10
mWatts
Max Input Power
20
mWatts
Impedance
600 ± 15%
Ohms
Sensitivity (SPL @ 1kHz)
120 ± 3
dB Pa/V
Frequency Range
300 ~ 3,400
Hz
Magnet Material
NdFeB
-
Diaphragm Material
Mylar
-
Weight
7.5
Grams
Environmental Protection
Rating
ROHS/REACH
-
Polarity
When positive voltage is applied
to the positive terminal, the
diaphragm will move outward
-
Buzz, Rattle, etc.
Must be normal at 179 mV sine
wave between 300 ~3.4k Hz
-
Operating Temperature
-30 ~ +70
°C
Storage Temperature
-30 ~ +75
°C


Número de pieza similar - AR040600MR-LW100-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Wire
AR0400101 ALPHAWIRE-AR0400101 Datasheet
160Kb / 2P
M12-A Female
AR0400105 ALPHAWIRE-AR0400105 Datasheet
160Kb / 2P
M12-A Female
logo
YAGEO Corporation
AR0402FR-07100RL YAGEO-AR0402FR-07100RL Datasheet
439Kb / 9P
CHIP RESISTORS WITH NI/AU TERMINATIONS
AR0402FR-0710RL YAGEO-AR0402FR-0710RL Datasheet
439Kb / 9P
CHIP RESISTORS WITH NI/AU TERMINATIONS
AR0402FR-071KL YAGEO-AR0402FR-071KL Datasheet
439Kb / 9P
CHIP RESISTORS WITH NI/AU TERMINATIONS
More results

Descripción similar - AR040600MR-LW100-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Projects Unlimited, Inc...
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
REVISED RESONANT FREQUENCY
AI-4028-P-SP32-R PUI-AI-4028-P-SP32-R Datasheet
192Kb / 1P
REVISED VOLTAGE RANGE
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
REVISED RESONANT FREQUENCY
logo
Integrated Device Techn...
XLP IDT-XLP Datasheet
299Kb / 11P
Frequency range
XUH IDT-XUH Datasheet
255Kb / 12P
Frequency range
XUL IDT-XUL Datasheet
220Kb / 12P
Frequency range
XUN IDT-XUN Datasheet
215Kb / 12P
Frequency range
XUO IDT-XUO Datasheet
214Kb / 12P
Frequency range
XUP IDT-XUP Datasheet
214Kb / 12P
Frequency range
XUQ IDT-XUQ Datasheet
213Kb / 12P
Frequency range
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com