Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS04504PS-X-R Datasheet(PDF) 1 Page - PUI audio inc.

No. de pieza AS04504PS-X-R
Descripción Electrónicos  Large voice coil diameter for high power handling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PUIAUDIO [PUI audio inc.]
Página de inicio  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04504PS-X-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS04504PS-X-R Datasheet HTML 1Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 2Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 3Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 4Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 5Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS04504PS-X-R
PUI Audio’s eXtreme Series speakers are
purpose-built for superior performance using
Klippel-optimized motor designs. Forced-air
vented voice coils combine with a high-grade
neodymium motor for extreme power
handling, extremely flat frequency response,
and a surprising amount of bass when used
with tuned-port or passive radiator assisted
enclosures.
Features:
•
Poly-coated paper cone for warm natural sound and improved ruggedness
•
Large voice coil diameter for high power handling
•
Convenient mounting frame for easy integration
•
Venting in the magnetic motor creates forced-air cooling limiting power compression
•
Two-layer copper-clad aluminum wire for great transient response
•
Water and dustproof to IP65
•
Low Qts design for use in ultra-small enclosures without inhibiting performance
Specifications
Parameters
Values
Units
Rated Input Power
10
Watts
Max Input Power
20
Watts
Impedance
4 ± 15%
Ohms
SPL @ 1W/0.5m
(Average 0.8, 1.0, 1.2, 1.5 kHz)
86 ± 3
dB
Resonant Frequency
170 ± 20%
Hz
Frequency Range (-10 dB)
90 ~ 20,000+
Hz
Frame Material
Stamped Steel
-
Magnet Material
NdFeB
-
Weight
63
Grams
Ingress Protection Rating
IP65
-
Recommended Sealed Enclosure
Volume Range (Qtc ≤ 0.707)*
0.05 ~ 0.40
Liters
Recommended Vented
Enclosure Volume*
0.40
Liters
Vent Size and Tuning Frequency
20mm dia. x 244mm L, 100 Hz
-
*Recommended enclosure volumes do not include volume displaced by speaker or vent
Air is forced into the magnetic loop
on both sides of the voice coil for
improved heat dissipation


Número de pieza similar - AS04504PS-X-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PUI audio inc.
AS04504PS-X-R PUIAUDIO-AS04504PS-X-R Datasheet
375Kb / 4P
Enhances bass response in many speakers from 25mm to 70mm in diameter
1/30/2024
More results

Descripción similar - AS04504PS-X-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XB15A308 TOREX-XB15A308 Datasheet
136Kb / 2P
High Power Handling
logo
Pasternack Enterprises,...
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
High Power Handling
PE80L4000 PASTERNACK-PE80L4000 Datasheet
440Kb / 7P
High Power Handling
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
High Power Handling Capability
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
High Power Handling Capability
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
logo
Maxim Integrated Produc...
MAX14570 MAXIM-MAX14570 Datasheet
1Mb / 20P
High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com