Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS04504PS-X-R Datasheet(PDF) 2 Page - PUI audio inc.

No. de pieza AS04504PS-X-R
Descripción Electrónicos  Large voice coil diameter for high power handling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PUIAUDIO [PUI audio inc.]
Página de inicio  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04504PS-X-R Datasheet(HTML) 2 Page - PUI audio inc.

  AS04504PS-X-R Datasheet HTML 1Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 2Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 3Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 4Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 5Page - PUI audio inc. AS04504PS-X-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Speaker Specifications (continued)
Acceptable Soldering Methods
Hand Solder
-
Buzz, Rattle, etc.
Should not be audible with
6.32V sine wave from 90 Hz to
20 kHz
-
Environmental Compliances
RoHS 2015/863/EU,
REACH 197
-
Polarity
Cone shall move forward when
a positive voltage is applied to
the positive terminal
-
Operating Temperature
-25 ~ +60
°C
Measurement Method (1W input power with microphone spaced at 50cm)



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com