Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L6392D Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza L6392D
Descripción Electrónicos  High-voltage high and low side driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6392D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6392D Datasheet HTML 2Page - STMicroelectronics L6392D Datasheet HTML 3Page - STMicroelectronics L6392D Datasheet HTML 4Page - STMicroelectronics L6392D Datasheet HTML 5Page - STMicroelectronics L6392D Datasheet HTML 6Page - STMicroelectronics L6392D Datasheet HTML 7Page - STMicroelectronics L6392D Datasheet HTML 8Page - STMicroelectronics L6392D Datasheet HTML 9Page - STMicroelectronics L6392D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical data
L6392
6/19
4
Electrical data
4.1
Absolute maximum ratings
Note:
ESD immunity for pins 12, 13 and 14 is guaranteed up to TBD (Human Body Model)
4.2
Thermal data
4.3
Recommended operating conditions
Table 4.
Absolute maximum rating
Symbol
Parameter
Value
Unit
Vout
Output voltage
Vboot -21 to Vboot +0.3
V
VCC
Supply voltage
- 0.3 to + 21
V
Vop+
Opamp non-inverting input
-0.3 to VCC +0.3
V
Vop-
Opamp inverting input
-0.3 to VCC +0.3
V
Vboot
Floating supply voltage
VCC - 0.3 to 620
V
Vhvg
High side gate output voltage
Vout - 0.3 to Vboot + 0.3
V
VIvg
Low side gate output voltage
-0.3 to VCC + 0.3
V
Vi
Logic input voltage
-0.3 to 15
V
dVout/dt Allowed output slew rate
50
V/ns
Ptot
Total power dissipation (TA= 85 °C)
TBD
mW
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-50 to 150
°C
Table 5.
Thermal data
Symbol
Parameter
SO-14
DIP-14
Unit
Rth(JA)
Thermal resistance junction to ambient
165
100
°C/W
Table 6.
Recommended operating conditions
Symbol
Pin
Parameter
Test condition
Min
Max
Unit
Vout
12
Output voltage (1)
1.
If the condition TBDV< Vboot - Vout < TBD V and Vboot < TBD V are guaranteed, Vout can range from TBD V
to 580 V.
580
V
VBS
(2)
2.
VBS = Vboot -Vout
14
Floating supply voltage (1)
TBD
TBD
V
fsw
Switching frequency
HVG, LVG load CL = 1nF
800
kHz
VCC
4
Supply voltage
TBD
TBD
V
TJ
Junction temperature
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com