| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
L6392D Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6392D Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 19 page ![]() Electrical characteristics L6392 10/19 Table 9. OPAMP characteristics (VCC = 15 V, TJ = +25 °C) Symbol Pin Parameter Test condition Min Typ Max Unit Vio 8, 9 Input offset voltage VO = TBD; 0 < Vicm < VCC -TBD 3mV Iib Input bias current (1) 15 200 nA Vicm Input common mode voltage range 0 VCC - TBD VOL 6 Output voltage swing - low level Isink = 3.5 mA, RL = 2 kΩ 180 360 mV VOH Output voltage swing - high level Isource = 3.5 mA, RL = 2 kΩ 13.5 14.3 V Io Output short circuit current Source, Vid = TBD; Vo = TBD 16 30 mA Sink Vid = TBD; Vo = TBD 50 80 mA SR Slew rate Vi = TBD; RL = 2 kΩ; CL = TBD; unity gain 2.5 3.8 V/ µs GBWP Gain bandwith product Vo = TBD; RL = 2 kΩ TBD MHz Avd Large signal voltage gain 85 95 dB SRV Power supply rejection ratio vs Vcc 85 dB CMRR Common mode rejection ratio 80 100 dB 1. The direction of input current is out of the IC. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |