| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LIS331DL Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS331DL Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 42 page ![]() LIS331DL Register description 29/42 7.6 STATUS_REG (27h) 7.7 OUT_X (29h) X axis output data expressed as 2’s complement number. 7.8 OUT_Y (2Bh) Y axis output data expressed as 2’s complement number. Table 25. STATUS_REG register ZYXOR ZOR YOR XOR ZYXDA ZDA YDA XDA Table 26. STATUS_REG description ZYXOR X, Y, Z axis Data Overrun. Default value: 0 (0: no overrun has occurred; 1: new data has overwritten the previous one before it was read) ZOR Z axis Data Overrun. Default value: 0 (0: no overrun has occurred; 1: a new data for the Z-axis has overwritten the previous one) YOR Y axis Data Overrun. Default value: 0 (0: no overrun has occurred; 1: a new data for the Y-axis has overwritten the previous one) XOR X axis Data Overrun. Default value: 0 (0: no overrun has occurred; 1: a new data for the X-axis has overwritten the previous one) ZYXDA X, Y and Z axis new Data Available. Default value: 0 (0: a new set of data is not yet available; 1: a new set of data is available) ZDA Z axis new Data Available. Default value: 0 (0: a new data for the Z-axis is not yet available; 1: a new data for the Z-axis is available) YDA Y axis new Data Available. Default value: 0 (0: a new data for the Y-axis is not yet available; 1: a new data for the Y-axis is available) XDA X axis new Data Available. Default value: 0 (0: a new data for the X-axis is not yet available; 1: a new data for the X-axis is available) Table 27. OUT_X register XD7 XD6 XD5 XD4 XD3 XD2 XD1 XD0 Table 28. OUT_Y register YD7 YD6 YD5 YD4 YD3 YD2 YD1 YD0 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |