| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LIS331DL Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LIS331DL Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 42 page ![]() LIS331DL Register description 31/42 7.11 FF_WU_SRC_1 (31h) Free-fall and wake-up source register. Read only register. Reading at this address clears FF_WU_SRC_1 register and the FF, WU 1 interrupt and allows the refreshment of data in the FF_WU_SRC_1 register if the latched option was chosen. 7.12 FF_WU_THS_1 (32h) Most significant bit (DCRM) is used to select the resetting mode of the duration counter. If DCRM=0 counter is reset when the interrupt is no more active else if DCRM=1 duration counter is decremented. Table 32. FF_WU_SRC_1 register -- IA ZH ZL YH YL XH XL Table 33. FF_WU_SRC_1 description IA Interrupt Active. Default value: 0 (0: no interrupt has been generated; 1: one or more interrupts have been generated) ZH Z High. Default value: 0 (0: no interrupt, 1: Z High event has occurred) ZL Z Low. Default value: 0 (0: no interrupt; 1: Z Low event has occurred) YH Y High. Default value: 0 (0: no interrupt, 1: Y High event has occurred) YL Y Low. Default value: 0 (0: no interrupt, 1: Y Low event has occurred) XH X High. Default value: 0 (0: no interrupt, 1: X High event has occurred) XL X Low. Default value: 0 (0: no interrupt, 1: X Low event has occurred) Table 34. FF_WU_THS_1 register DCRM THS6 THS5 THS4 THS3 THS2 THS1 THS0 Table 35. FF_WU_THS_1 description DCRM Resetting mode selection. Default value: 0 (0: counter reset; 1: counter decremented) THS6, THS0 Free-fall / wake-up Threshold: default value: 000 0000 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |