Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LFEC6 Datasheet(PDF) 14 Page - Lattice Semiconductor

No. de pieza LFEC6
Descripción Electrónicos  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC6 Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button LFEC6 Datasheet HTML 10Page - Lattice Semiconductor LFEC6 Datasheet HTML 11Page - Lattice Semiconductor LFEC6 Datasheet HTML 12Page - Lattice Semiconductor LFEC6 Datasheet HTML 13Page - Lattice Semiconductor LFEC6 Datasheet HTML 14Page - Lattice Semiconductor LFEC6 Datasheet HTML 15Page - Lattice Semiconductor LFEC6 Datasheet HTML 16Page - Lattice Semiconductor LFEC6 Datasheet HTML 17Page - Lattice Semiconductor LFEC6 Datasheet HTML 18Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 163 page
background image
2-11
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Table 2-5. PLL Signal Descriptions
For more information about the PLL, please see the list of technical documentation at the end of this data sheet.
Dynamic Clock Select (DCS)
The DCS is a global clock buffer with smart multiplexer functions. It takes two independent input clock sources and
outputs a clock signal without any glitches or runt pulses. This is achieved regardless of where the select signal is
toggled. There are eight DCS blocks per device, located in pairs at the center of each side. Figure 2-13 illustrates
the DCS Block Macro.
Figure 2-13. DCS Block Primitive
Figure 2-14 shows timing waveforms of the default DCS operating mode. The DCS block can be programmed to
other modes. For more information about the DCS, please see the list of technical documentation at the end of this
data sheet.
Signal
I/O
Description
CLKI
I
Clock input from external pin or routing
CLKFB
I
PLL feedback input from CLKOP (PLL internal), from clock net (CLKOP) or from a user clock
(PIN or logic)
RST
I
“1” to reset PLL
CLKOS
O
PLL output clock to clock tree (phase shifted/duty cycle changed)
CLKOP
O
PLL output clock to clock tree (No phase shift)
CLKOK
O
PLL output to clock tree through secondary clock divider
LOCK
O
“1” indicates PLL LOCK to CLKI
DDAMODE
I
Dynamic Delay Enable. “1”: Pin control (dynamic), “0”: Fuse Control (static)
DDAIZR
I
Dynamic Delay Zero. “1”: delay = 0, “0”: delay = on
DDAILAG
I
Dynamic Delay Lag/Lead. “1”: Lead, “0”: Lag
DDAIDEL[2:0]
I
Dynamic Delay Input
DDAOZR
O
Dynamic Delay Zero Output
DDAOLAG
O
Dynamic Delay Lag/Lead Output
DDAODEL[2:0]
O
Dynamic Delay Output
DCS
CLK0
DCSOUT
CLK1
SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com