Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LFEC6 Datasheet(PDF) 19 Page - Lattice Semiconductor

No. de pieza LFEC6
Descripción Electrónicos  LatticeECP/EC Family Data Sheet
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LATTICE [Lattice Semiconductor]
Página de inicio  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC6 Datasheet(HTML) 19 Page - Lattice Semiconductor

Back Button LFEC6 Datasheet HTML 15Page - Lattice Semiconductor LFEC6 Datasheet HTML 16Page - Lattice Semiconductor LFEC6 Datasheet HTML 17Page - Lattice Semiconductor LFEC6 Datasheet HTML 18Page - Lattice Semiconductor LFEC6 Datasheet HTML 19Page - Lattice Semiconductor LFEC6 Datasheet HTML 20Page - Lattice Semiconductor LFEC6 Datasheet HTML 21Page - Lattice Semiconductor LFEC6 Datasheet HTML 22Page - Lattice Semiconductor LFEC6 Datasheet HTML 23Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 163 page
background image
2-16
Architecture
Lattice Semiconductor
LatticeECP/EC Family Data Sheet
Table 2-7. Maximum Number of Elements in a Block
Some options are available in four elements. The input register in all the elements can be directly loaded or can be
loaded as shift registers from previous operand registers. In addition by selecting “dynamic operation” in the
‘Signed/Unsigned’ options the operands can be switched between signed and unsigned on every cycle. Similarly
by selecting ‘Dynamic operation’ in the ‘Add/Sub’ option the Accumulator can be switched between addition and
subtraction on every cycle.
MULT sysDSP Element
This multiplier element implements a multiply with no addition or accumulator nodes. The two operands, A and B,
are multiplied and the result is available at the output. The user can enable the input/output and pipeline registers.
Figure 2-19 shows the MULT sysDSP element.
Figure 2-19. MULT sysDSP Element
MAC sysDSP Element
In this case the two operands, A and B, are multiplied and the result is added with the previous accumulated value.
This accumulated value is available at the output. The user can enable the input and pipeline registers but the out-
put register is always enabled. The output register is used to store the accumulated value. A registered overflow
signal is also available. The overflow conditions are provided later in this document. Figure 2-20 shows the MAC
sysDSP element.
Width of Multiply
x9
x18
x36
MULT
8
4
1
MAC
2
2
—
MULTADD
4
2
—
MULTADDSUM
2
1
—
Multiplier
x
n
m
m
n
m
n
m
n
n
m
m+n
m+n
(default)
CLK (CLK0,CLK1,CLK2,CLK3)
CE (CE0,CE1,CE2,CE3)
RST(RST0,RST1,RST2,RST3)
Pipeline
Register
Input
Register
Multiplier
Multiplicand
Signed
Shift Register A In
Shift Register B In
Shift Register A Out
Shift Register B Out
Output
Input Data
Register A
Input Data
Register B
To
Multiplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com